Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 96 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 96 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 92Page - Motorola, Inc HC05 Datasheet HTML 93Page - Motorola, Inc HC05 Datasheet HTML 94Page - Motorola, Inc HC05 Datasheet HTML 95Page - Motorola, Inc HC05 Datasheet HTML 96Page - Motorola, Inc HC05 Datasheet HTML 97Page - Motorola, Inc HC05 Datasheet HTML 98Page - Motorola, Inc HC05 Datasheet HTML 99Page - Motorola, Inc HC05 Datasheet HTML 100Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 232 page
background image
MOTOROLA
6-8
MC68HC05X16
Rev. 1
PROGRAMMABLE TIMER
6
The result obtained from an input capture will be one greater than the value of the free-running
counter on the rising edge of the internal bus clock preceding the external transition. This delay is
required for internal synchronization. Resolution is one count of the free-running counter, which is
four internal bus clock cycles. The free-running counter contents are transferred to the input
capture register 1 on each valid signal transition whether the input capture 1 flag (ICF1) is set or
clear. The input capture register 1 always contains the free-running counter value that corresponds
to the most recent input capture 1. After a read of the input capture 1 register MSB ($14), the
counter transfer is inhibited until the LSB ($15) is also read. This characteristic causes the time
used in the input capture software routine and its interaction with the main program to determine
the minimum pulse period. A read of the input capture 1 register LSB ($15) does not inhibit the
free-running counter transfer since the two actions occur on opposite edges of the internal bus
clock.
Reset does not affect the contents of the input capture 1 register, except when exiting STOP mode
(see Section 6.6).
6.3.2
Input capture register 2 (ICR2)
The two 8-bit registers that make up the 16-bit input capture register 2 are read-only, and are used
to latch the value of the free-running counter after the input capture edge detector circuit 2 senses
a negative transition at pin TCAP2. When an input capture 2 occurs, the corresponding flag ICF2
in TSR is set. An interrupt can also accompany an input capture 2 provided the ICIE bit in TCR is
set.The 8 most significant bits are stored in the input capture 2 high register at $1C, the 8 least
significant bits in the input capture 2 low register at $1D.
The result obtained from an input capture will be one greater than the value of the free-running
counter on the rising edge of the internal bus clock preceding the external transition. This delay is
required for internal synchronization. Resolution is one count of the free-running counter, which is
four internal bus clock cycles. The free-running counter contents are transferred to the input
capture register 2 on each negative signal transition whether the input capture 2 flag (IC2F) is set
or clear. The input capture register 2 always contains the free-running counter value that
corresponds to the most recent input capture 2. After a read of the input capture register 2 MSB
($1C), the counter transfer is inhibited until the LSB ($1D) is also read. This characteristic causes
the time used in the input capture software routine and its interaction with the main program to
determine the minimum pulse period. A read of the input capture register 2 LSB ($1C) does not
inhibit the free-running counter transfer since the two actions occur on opposite edges of the
internal bus clock.
Reset does not affect the contents of the input capture 2 register, except when exiting STOP mode
(see Section 6.6).
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Input capture high 2
$001C
Undefined
Input capture low 2
$001D
Undefined
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com