Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 54 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 54 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 50Page - Motorola, Inc HC05 Datasheet HTML 51Page - Motorola, Inc HC05 Datasheet HTML 52Page - Motorola, Inc HC05 Datasheet HTML 53Page - Motorola, Inc HC05 Datasheet HTML 54Page - Motorola, Inc HC05 Datasheet HTML 55Page - Motorola, Inc HC05 Datasheet HTML 56Page - Motorola, Inc HC05 Datasheet HTML 57Page - Motorola, Inc HC05 Datasheet HTML 58Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 232 page
background image
MOTOROLA
3-12
MC68HC05X16
Rev. 1
MEMORY AND REGISTERS
3
SFB — Slow or fast mode selection for PLMB (see Section 8.1)
1 (set)
–
Slow mode PLMB (4096 x timer clock period).
0 (clear) –
Fast mode PLMB (256 x timer clock period).
Note:
The highest speed of the PLM system corresponds to the frequency of the TOF bit
being set, multiplied by 256. The lowest speed of the PLM system corresponds to the
frequency of the TOF bit being set, multiplied by 16.
Warning: Because the SFA bit and SFB bit are not double buffered, it is mandatory to set the SFA
bit and the SFB bit to the desired values before writing to the PLM registers; not doing
so could temporarily give incorrect values at the PLM outputs.
SM — Slow mode (see Section 2.2.3)
1 (set)
–
The system runs at a bus speed 16 times lower than normal
(fOSC/32). SLOW mode affects all sections of the device, including
SCI, A/D and timer.
0 (clear) –
The system runs at normal bus speed (fOSC/2).
The SM bit is cleared by external or power-on reset. The SM bit is automatically cleared when
entering STOP mode.
WDOG — Watchdog enable/disable (see Section 10.1.4)
The WDOG bit can be used to enable the watchdog timer previously disabled by a mask option.
Following a watchdog reset the state of the WDOG bit is as defined by the mask option specified.
1 (set)
–
Watchdog counter cleared and enabled.
0 (clear) –
The watchdog cannot be disabled by software; writing a zero to this
bit has no effect.
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com