Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 37 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 37 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 33Page - Motorola, Inc HC05 Datasheet HTML 34Page - Motorola, Inc HC05 Datasheet HTML 35Page - Motorola, Inc HC05 Datasheet HTML 36Page - Motorola, Inc HC05 Datasheet HTML 37Page - Motorola, Inc HC05 Datasheet HTML 38Page - Motorola, Inc HC05 Datasheet HTML 39Page - Motorola, Inc HC05 Datasheet HTML 40Page - Motorola, Inc HC05 Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
2-13
MODES OF OPERATION AND PIN DESCRIPTIONS
2
2.3.11
SCLK
The SCLK pin is the clock output pin of the SCI transmitter.
2.3.12
OSC1, OSC2
These pins provide control input for an on-chip oscillator circuit. A crystal, ceramic resonator or
external clock signal connected to these pins supplies the oscillator clock. The oscillator frequency
(fOSC) is divided by two, four, eight or ten to give the internal bus frequency (fOP). There is also a
software option which introduces an additional divide by 16 into the oscillator clock, giving an
internal bus frequency of fOSC/32, /64, /128 or /160.
2.3.12.1
Crystal
The circuit shown in Figure 2-6(a) is recommended when using either a crystal or a ceramic
resonator. An internal feedback resistor is provided on-chip between OSC1 and OSC2.
Figure 2-6(d) lists the recommended capacitance values. The internal oscillator is designed to
interface with an AT-cut parallel-resonant quartz crystal resonator in the frequency range specified
for fOSC (see Section 12.4). Use of an external CMOS oscillator is recommended when crystals
outside the specified ranges are to be used. The crystal and associated components should be
mounted as close as possible to the input pins to minimise output distortion and start-up
stabilization time. The manufacturer of the particular crystal being considered should be consulted
for specific information.
2.3.12.2
Ceramic resonator
A ceramic resonator may be used instead of a crystal in cost sensitive applications for frequencies up
to 8MHz external. The circuit shown in Figure 2-6(a) is recommended when using either a crystal or a
ceramic resonator. Figure 2-6(d) lists the recommended capacitance and feedback resistance values.
The manufacturer of the particular ceramic resonator being considered should be consulted for specific
information. This option is recommended only for applications that operate at an external clock
frequency of 8MHz or less. Any application requiring an external operating frequency greater that
8MHz should use either a crystal oscillator or an external CMOS compatible clock source.
2.3.12.3
External clock
When using an external clock the OSC1 and OSC2 pins should be driven in antiphase, as shown
in Figure 2-6(c). The tOXOV or tILCH specifications (see Section 12.4) do not apply when using an
external clock input. The equivalent specification of the external clock source should be used in
lieu of tOXOV or tILCH.
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com