Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 81 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 81 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 77Page - Motorola, Inc HC05 Datasheet HTML 78Page - Motorola, Inc HC05 Datasheet HTML 79Page - Motorola, Inc HC05 Datasheet HTML 80Page - Motorola, Inc HC05 Datasheet HTML 81Page - Motorola, Inc HC05 Datasheet HTML 82Page - Motorola, Inc HC05 Datasheet HTML 83Page - Motorola, Inc HC05 Datasheet HTML 84Page - Motorola, Inc HC05 Datasheet HTML 85Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
5-19
MOTOROLA CAN MODULE (MCAN)
5
Normal mode 1
In contrast to biphase mode the bit representation is time invariant and not toggled.
Normal mode 2
For the TX0 pin this is the same as normal mode 1, however the data stream to TX1 is replaced
by the transmit clock. The rising edge of the transmit clock marks the beginning of a bit time. The
clock pulse will be tSCL long.
Other output control bits
The other six bits in this register control the output driver configurations, to determine the format
of the output signal for a given data value (see Figure 5-6).
OCTP0/1 – These two bits control whether the P-type output control transistors are enabled.
OCTN0/1 – These two bits control whether the N-type output control transistors are enabled.
OCPOL0/1 – These two bits determine the driver output polarity for each of the MCAN bus lines
(TX0, TX1).
TP0/1 and TN0/1 – These are the resulting states of the output transistors.
TD – This is the internal value of the data bit to be transferred across the MCAN bus. (A zero
corresponds to a dominant bit, a one to a recessive.)
The actions of these bits in the output control register are as shown in Table 5-5.
Table 5-5 MCAN driver output levels
Mode
TD
OCPOLi
OCTPi
OCTNi
TPi
TNi
TXi output level
Float
0
1
0
1
0
0
1
1
0
0
0
0
0
0
0
0
Off
Off
Off
Off
Off
Off
Off
Off
Float
Float
Float
Float
Pull-down
0
1
0
1
0
0
1
1
0
0
0
0
1
1
1
1
Off
Off
Off
Off
On
Off
Off
On
Low
Float
Float
Low
Pull-up
0
1
0
1
0
0
1
1
1
1
1
1
0
0
0
0
Off
On
On
Off
Off
Off
Off
Off
Float
High
High
Float
Push-pull
0
1
0
1
0
0
1
1
1
1
1
1
1
1
1
1
Off
On
On
Off
On
Off
Off
On
Low
High
High
Low
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com