Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 29 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 29 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 25Page - Motorola, Inc HC05 Datasheet HTML 26Page - Motorola, Inc HC05 Datasheet HTML 27Page - Motorola, Inc HC05 Datasheet HTML 28Page - Motorola, Inc HC05 Datasheet HTML 29Page - Motorola, Inc HC05 Datasheet HTML 30Page - Motorola, Inc HC05 Datasheet HTML 31Page - Motorola, Inc HC05 Datasheet HTML 32Page - Motorola, Inc HC05 Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
2-5
MODES OF OPERATION AND PIN DESCRIPTIONS
2
Figure 2-3 MC68HC05X16 ‘load program in RAM and execute’ schematic diagram
OSC1
OSC2
IRQ
TCAP2
TCMP2
TCAP1
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
VSS
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
RESET
VDD
10 k
Ω
0.01 mF
10 nF
47 mF
4 MHz
22 pF
10 k
Ω
22 pF
P1
GND
+5V
2xVDD
RESET
VRH
VRL
VPP1
PLMA
PLMB
TCMP1
RDI
TDO
RS232 level translator
suggested:
MC145406 or MAX232
9600 Bd
RS232
SCLK
10 k
Ω
10 k
Ω
10 k
Ω
optional
3 x 10 k
Ω
Connect as required
for the application
Connect as required
for the application
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com