Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 46 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 46 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 42Page - Motorola, Inc HC05 Datasheet HTML 43Page - Motorola, Inc HC05 Datasheet HTML 44Page - Motorola, Inc HC05 Datasheet HTML 45Page - Motorola, Inc HC05 Datasheet HTML 46Page - Motorola, Inc HC05 Datasheet HTML 47Page - Motorola, Inc HC05 Datasheet HTML 48Page - Motorola, Inc HC05 Datasheet HTML 49Page - Motorola, Inc HC05 Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 232 page
background image
MOTOROLA
3-4
MC68HC05X16
Rev. 1
MEMORY AND REGISTERS
3
3.5
EEPROM
The user EEPROM consists of 256 bytes of memory located from address $0100 to $01FF. 255
bytes are general purpose and 1 byte is used by the option register. The non-volatile EEPROM is
byte erasable.
An internal charge pump provides the EEPROM voltage (VPP1), which removes the need to supply
a high voltage for erase and programming functions. The charge pump is a capacitor/diode ladder
network which will give a very high impedance output of around 20-30 M
Ω. The voltage of the
charge pump is visible at the VPP1 pin. During normal operation of the device, where
programming/erasing of the EEPROM array will occur, VPP1 should never be connected to either
VDD or VSS as this could prevent the charge pump reaching the necessary programming voltage.
Where it is considered dangerous to leave VPP1 unconnected for reasons of excessive noise in a
system, it may be tied to VDD; this will protect the EEPROM data but will also increase power
consumption, and therefore it is recommended that the protect bit function is used for regular
protection of EEPROM data (see Section 3.5.5).
In order to achieve a higher degree of security for stored data, there is no capability for bulk or row
erase operations.
The EEPROM control register ($0007) provides control of the EEPROM programming and erase
operations.
Warning: The VPP1 pin should never be connected to VSS, as this could cause permanent
damage to the device.
3.5.1
EEPROM control register
WOIE — Wired-OR interrupt enable
This bit is used to enable wired-OR interrupts on the NWOI pin and on all port B pins which have
been programmed as inputs. Wired-OR interrupts can only be enabled if the WOI mask option is
selected (see Section 1.2). WOIE is forced to zero if this mask option is not selected. Power-on
reset clears the WOIE bit.
1 (set)
–
Wired-OR interrupts are enabled (provided that wired-OR interrupts
have been selected as a mask option).
0 (clear) –
Wired-OR interrupts are disabled.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
EEPROM/ECLK control
$0007
WOIE
CAF
0
0
ECLK E1ERA E1LAT E1PGM 0000 0000
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com