Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 55 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 55 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 51Page - Motorola, Inc HC05 Datasheet HTML 52Page - Motorola, Inc HC05 Datasheet HTML 53Page - Motorola, Inc HC05 Datasheet HTML 54Page - Motorola, Inc HC05 Datasheet HTML 55Page - Motorola, Inc HC05 Datasheet HTML 56Page - Motorola, Inc HC05 Datasheet HTML 57Page - Motorola, Inc HC05 Datasheet HTML 58Page - Motorola, Inc HC05 Datasheet HTML 59Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
4-1
INPUT/OUTPUT PORTS
4
4
INPUT/OUTPUT PORTS
In single-chip mode, the MC68HC05X16 has a total of 24 I/O lines, arranged as three 8-bit ports
(A, B and C), and eight input-only lines, arranged as one 8-bit port (D). Each I/O line is individually
programmable as either input or output, under the software control of the data direction registers.
The 8-bit input-only port (D) shares its pins with the A/D converter, when the A/D converter is
enabled. To avoid glitches on the output pins, data should be written to the I/O port data register
before writing ones to the corresponding data direction register bits to set the pins to output mode.
4.1
Input/output programming
The bidirectional port lines may be programmed as inputs or outputs under software control. The
direction of each pin is determined by the state of the corresponding bit in the port data direction
register (DDR). Each port has an associated DDR. Any I/O port pin is configured as an output if
its corresponding DDR bit is set to a logic one. A pin is configured as an input if its corresponding
DDR bit is cleared to a logic zero.
At power-on or reset, all DDRs are cleared, thus configuring all port pins as inputs. The data
direction registers can be written to or read by the MCU. During the programmed output state, a
read of the data register actually reads the value of the output data latch and not the I/O pin. The
operation of the standard port hardware is shown schematically in Figure 4-1.
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com