Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 79 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 79 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 75Page - Motorola, Inc HC05 Datasheet HTML 76Page - Motorola, Inc HC05 Datasheet HTML 77Page - Motorola, Inc HC05 Datasheet HTML 78Page - Motorola, Inc HC05 Datasheet HTML 79Page - Motorola, Inc HC05 Datasheet HTML 80Page - Motorola, Inc HC05 Datasheet HTML 81Page - Motorola, Inc HC05 Datasheet HTML 82Page - Motorola, Inc HC05 Datasheet HTML 83Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
5-17
MOTOROLA CAN MODULE (MCAN)
5
Calculation of the bit time
Note:
TSEG2 must be at least 2 tSCL, i.e. the configuration bits must not be 000. (If three
samples per bit mode is selected then TSEG2 must be at least 3 tSCL.)
TSEG1 must be at least as long as TSEG2.
The synchronization jump width (SJW) may not exceed TSEG2, and must be at least
tSCL shorter than TSEG1 to allow for physical propagation delays.
i.e. in terms of tSCL:
SYNC_SEG = 1
TSEG1
≥ SJW + 1
TSEG1
≥ TSEG2
TSEG2
≥ SJW
and
TSEG2
≥ 2
(SAMP = 0)
or
TSEG2
≥ 3
(SAMP = 1)
These boundary conditions result in minimum bit times of 5 tSCL, for one sample, and 7 tSCL, for
three samples per bit.
Table 5-3 Time segment values
TSEG13
TSEG12
TSEG11
TSEG10
Time segment 1
TSEG22
TSEG21
TSEG20
Time segment 2
0
001
2 tSCL cycles
0
0
1
2 tSCL cycles
0
010
3 tSCL cycles
.
.
.
.
0
011
4 tSCL cycles
.
.
.
.
.
...
.
1
1
1
8 tSCL cycles
.
...
.
1
1
1
1
16 tSCL cycles
BIT_TIME
SYNC_SEG
TSEG1
TSEG2
++
=
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com