Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 44 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 44 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 40Page - Motorola, Inc HC05 Datasheet HTML 41Page - Motorola, Inc HC05 Datasheet HTML 42Page - Motorola, Inc HC05 Datasheet HTML 43Page - Motorola, Inc HC05 Datasheet HTML 44Page - Motorola, Inc HC05 Datasheet HTML 45Page - Motorola, Inc HC05 Datasheet HTML 46Page - Motorola, Inc HC05 Datasheet HTML 47Page - Motorola, Inc HC05 Datasheet HTML 48Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 232 page
background image
MOTOROLA
3-2
MC68HC05X16
Rev. 1
MEMORY AND REGISTERS
3
Figure 3-1 Memory map of the MC68HC05X16
User
Vectors
Port B data register
Port C data register
Port D input data register
Port A data register
$0000
Compare low register 2
A/D data register
Port A data direction register
Port B data direction register
Port C data direction register
E/EEPROM/ECLK control register
A/D status/control register
Pulse length modulation A
Pulse length modulation B
Miscellaneous register
SCI baud rate register
SCI control register 1
SCI control register 2
SCI status register
SCI data register
Timer control register
Timer status register
Capture high register 1
Capture low register 1
Compare high register 1
Compare low register 1
Counter high register
Counter low register
Alternate counter high register
Alternate counter low register
Capture high register 2
Capture low register 2
Compare high register 2
$0001
$0002
$0003
$0004
$0005
$0006
$0007
$0008
$0009
$000A
$000B
$000C
$000D
$000E
$000F
$0010
$0011
$0012
$0013
$0014
$0015
$0016
$0017
$0018
$0019
$001A
$001B
$001C
$001D
$001E
$001F
$0100
Options register
Reserved
Registers
$3FFE–F
$3FF6–7
$0000
I/O
(32 bytes)
$0020
$00C0
$0100
$3FF0–1
Stack
RAM I
(176 bytes)
$0250
$0200
$3DFE
$003E
Bootstrap ROM I
(80 bytes)
ROM
(15102 bytes)
Bootstrap ROM II
(498 bytes)
$0300
$3FF2–3
OPTR (1 byte)
Non protected (31 bytes)
Protected (224 bytes)
EEPROM
(256 bytes)
$0101
$0120
MC68HC05X16
SCI
Timer overflow
Timer output compare 1& 2
Timer input capture 1& 2
WOI, External IRQ
SWI
Reset/power-on reset
$3FF4–5
$3FF8–9
$3FFA–B
$3FFC–D
RAM II
176 bytes
MCAN
registers
$0050
CIRQ
MCAN
control registers
10 bytes
MCAN
transmit buffer
10 bytes
MCAN
receive buffer
10 bytes
Ports
7 bytes
EEPROM/ECLK
control
1 byte
PLM system
2 bytes
A/D
converter
2 bytes
Miscellaneous
1 byte
SCI
5 bytes
Timer
14 bytes
$3DFE
Mask options register
$3E00
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com