Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 100 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 100 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 96Page - Motorola, Inc HC05 Datasheet HTML 97Page - Motorola, Inc HC05 Datasheet HTML 98Page - Motorola, Inc HC05 Datasheet HTML 99Page - Motorola, Inc HC05 Datasheet HTML 100Page - Motorola, Inc HC05 Datasheet HTML 101Page - Motorola, Inc HC05 Datasheet HTML 102Page - Motorola, Inc HC05 Datasheet HTML 103Page - Motorola, Inc HC05 Datasheet HTML 104Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 232 page
background image
MOTOROLA
6-12
MC68HC05X16
Rev. 1
PROGRAMMABLE TIMER
6
6.6
Timer during STOP mode
When the MCU enters STOP mode, the timer counter stops counting and remains at that particular
count value until STOP mode is exited by an interrupt. If STOP mode is exited by power-on or
external reset, the counter is forced to $FFFC but if it is exited by external interrupt (IRQ) then the
counter resumes from its stopped value.
Another feature of the programmable timer is that if at least one valid input capture edge occurs at
one of the TCAP pins while in STOP mode, the corresponding input capture detect circuitry is
armed. This action does not wake the MCU or set any timer flags, but when the MCU does wake-up
there will be an active input capture flag (and data) from that first valid edge which occurred during
STOP mode.
If STOP mode is exited by an external reset then no such input capture flag or data action takes
place even if there was a valid input capture edge (at one of the TCAP pins) during STOP mode.
6.7
Timer during WAIT mode
The timer system is not affected by WAIT mode and continues normal operation. Any valid timer
interrupt will wake-up the system.
6.8
Timer state diagrams
The relationships between the internal clock signals, the counter contents and the status of the
flag bits are shown in the following figures. It should be noted that the signals labelled ‘internal’
(processor clock, timer clocks and reset) are not available to the user.
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com