Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 102 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 102 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 98Page - Motorola, Inc HC05 Datasheet HTML 99Page - Motorola, Inc HC05 Datasheet HTML 100Page - Motorola, Inc HC05 Datasheet HTML 101Page - Motorola, Inc HC05 Datasheet HTML 102Page - Motorola, Inc HC05 Datasheet HTML 103Page - Motorola, Inc HC05 Datasheet HTML 104Page - Motorola, Inc HC05 Datasheet HTML 105Page - Motorola, Inc HC05 Datasheet HTML 106Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 232 page
background image
MOTOROLA
6-14
MC68HC05X16
Rev. 1
PROGRAMMABLE TIMER
6
Figure 6-4 Timer state timing diagram for output compare
Figure 6-5 Timer state timing diagram for timer overflow
Internal
processor clock
16-bit
counter
$F456
$F457
$F458
$F459
Internal
timer clocks
T00
T01
T11
T10
$F457
CPU writes $F457
Output compare
flag and TCMP1,2
Note:
The CPU write to the compare registers may take place at any time, but a compare only occurs at timer state
T01. Thus a four cycle difference may exist between the write to the compare register and the actual compare.
Output compare
register
Compare register
latch
(Note 2)
(Note 1)
(Note 1)
Internal
processor clock
16-bit
counter
$FFFF
$0000
$0001
$0002
Internal
timer clocks
T00
T01
T11
T10
Note:
The timer overflow flag is set at timer state T11 (transition of counter from $FFFF to $0000). It is cleared by
a read of the timer status register during the internal processor clock high time, followed by a read of the
counter low register.
Timer overflow
flag
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com