Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 23 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 23 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 19Page - Motorola, Inc HC05 Datasheet HTML 20Page - Motorola, Inc HC05 Datasheet HTML 21Page - Motorola, Inc HC05 Datasheet HTML 22Page - Motorola, Inc HC05 Datasheet HTML 23Page - Motorola, Inc HC05 Datasheet HTML 24Page - Motorola, Inc HC05 Datasheet HTML 25Page - Motorola, Inc HC05 Datasheet HTML 26Page - Motorola, Inc HC05 Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
1-3
INTRODUCTION
1
1.2
Mask options for the MC68HC05X16
The MC68HC05X16 has six mask options that are programmed during manufacture and must be
specified on the order form.
•
Oscillator division ratio selection (divide-by-2, -4, -8 or -10)
•
Oscillator start-up delay following power-on or STOP (tPORL) = 16 or 4064 cycles
•
Automatic watchdog enable/disable following a power-on or external reset
•
Watchdog enable/disable during WAIT mode
•
Wired-OR interrupt enable
•
Resistive pull-downs on ports B and/or C
Note:
It is recommended that an external clock is always used if tPORL is set to 16 cycles. This
will prevent any problems arising from oscillator stability when the device is put into
STOP mode.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com