Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 12 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 8Page - Motorola, Inc HC05 Datasheet HTML 9Page - Motorola, Inc HC05 Datasheet HTML 10Page - Motorola, Inc HC05 Datasheet HTML 11Page - Motorola, Inc HC05 Datasheet HTML 12Page - Motorola, Inc HC05 Datasheet HTML 13Page - Motorola, Inc HC05 Datasheet HTML 14Page - Motorola, Inc HC05 Datasheet HTML 15Page - Motorola, Inc HC05 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 232 page
background image
MOTOROLA
iv
MC68HC05X16
Rev. 1
TABLE OF CONTENTS
Paragraph
Number
Page
Number
TITLE
6.4
Output compare..................................................................................................... 6-9
6.4.1
Output compare register 1 (OCR1) ................................................................. 6-9
6.4.2
Output compare register 2 (OCR2) ................................................................. 6-10
6.4.3
Software force compare................................................................................... 6-11
6.5
Pulse length modulation (PLM) ............................................................................. 6-11
6.5.1
Pulse length modulation registers A and B (PLMA/PLMB).............................. 6-11
6.6
Timer during STOP mode ..................................................................................... 6-12
6.7
Timer during WAIT mode ...................................................................................... 6-12
6.8
Timer state diagrams............................................................................................. 6-12
7
SERIAL COMMUNICATIONS INTERFACE
7.1
SCI two-wire system features................................................................................ 7-1
7.2
SCI receiver features............................................................................................. 7-3
7.3
SCI transmitter features......................................................................................... 7-3
7.4
Functional description ........................................................................................... 7-3
7.5
Data format............................................................................................................ 7-5
7.6
Receiver wake-up operation.................................................................................. 7-5
7.6.1
Idle line wake-up.............................................................................................. 7-6
7.6.2
Address mark wake-up .................................................................................... 7-6
7.7
Receive data in (RDI) ............................................................................................ 7-6
7.8
Start bit detection .................................................................................................. 7-6
7.9
Transmit data out (TDO) ........................................................................................ 7-8
7.10
SCI synchronous transmission.............................................................................. 7-9
7.11
SCI registers.......................................................................................................... 7-10
7.11.1
Serial communications data register (SCDR) .................................................. 7-10
7.11.2
Serial communications control register 1 (SCCR1) ......................................... 7-10
7.11.3
Serial communications control register 2 (SCCR2) ......................................... 7-14
7.11.4
Serial communications status register (SCSR) ............................................... 7-16
7.11.5
Baud rate register (BAUD) ............................................................................... 7-18
7.12
Baud rate selection................................................................................................ 7-20
7.13
SCI during STOP mode......................................................................................... 7-21
7.14
SCI during WAIT mode.......................................................................................... 7-21
8
PULSE LENGTH D/A CONVERTERS
8.1
Miscellaneous register........................................................................................... 8-3
8.2
PLM clock selection............................................................................................... 8-4
8.3
PLM during STOP mode ....................................................................................... 8-4
8.4
PLM during WAIT mode ........................................................................................ 8-4
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com