Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 80 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 80 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 76Page - Motorola, Inc HC05 Datasheet HTML 77Page - Motorola, Inc HC05 Datasheet HTML 78Page - Motorola, Inc HC05 Datasheet HTML 79Page - Motorola, Inc HC05 Datasheet HTML 80Page - Motorola, Inc HC05 Datasheet HTML 81Page - Motorola, Inc HC05 Datasheet HTML 82Page - Motorola, Inc HC05 Datasheet HTML 83Page - Motorola, Inc HC05 Datasheet HTML 84Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 232 page
background image
MOTOROLA
5-18
MC68HC05X16
Rev. 1
MOTOROLA CAN MODULE (MCAN)
5
5.3.9
MCAN output control register (COCNTRL)
This register allows the setup of different output driver configurations under software control. The
user may select active pull-up, pull-down, float or push-pull output.
Note:
This register can only be accessed when the reset request bit in the CCNTRL register
is set.
OCM1 and OCM0 — Output control mode bits
The values of these two bits determine the output mode, as shown in Table 5-4.
Note:
The transmit clock (txclk) is used to indicate the end of the bit time and will be high during
the SYNC_SEG.
For all the following modes of operation, a dominant bit is internally coded as a zero, a
recessive as a one. The other output control bits are used to determine the actual
voltage levels transmitted to the MCAN bus for dominant and recessive bits.
Biphase mode
If the CAN modules are isolated from the bus lines by a transformer then the bit stream has to be
coded so that there is no resulting dc component. There is a flip-flop within the MCAN that keeps
the last dominant configuration; its direct output goes to TX0 and its complement to TX1. The
flip-flop is toggled for each dominant bit; dominant bits are thus sent alternately on TX0 and TX1;
i.e. the first dominant bit is sent on TX0, the second on TX1, the third on TX0 and so on. During
recessive bits, all output drivers are deactivated (i.e. high impedance).
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
MCAN output control (COCNTRL)
$0028
OCTP1 OCTN1 OCPOL1 OCTP0 OCTN0 OCPOL0 OCM1 OCM0 Undefined
Table 5-4 Output control modes
OCM1
OCM0
Function
0
0
Biphase mode
0
1
Not used
10
Normal mode 1
Bit stream transmitted on both TX0 and TX1
11
Normal mode 2
TX0 - bit sequence
TX1 - bus clock (txclk)
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com