Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9166 Datasheet HTML 29Page - Analog Devices AD9166 Datasheet HTML 30Page - Analog Devices AD9166 Datasheet HTML 31Page - Analog Devices AD9166 Datasheet HTML 32Page - Analog Devices AD9166 Datasheet HTML 33Page - Analog Devices AD9166 Datasheet HTML 34Page - Analog Devices AD9166 Datasheet HTML 35Page - Analog Devices AD9166 Datasheet HTML 36Page - Analog Devices AD9166 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 33 of 138
Figure 52 and Figure 53 are provided as points of reference for
hardware designers and show the insertion loss for various
lengths of well laid out stripline and microstrip transmission
lines, respectively. See the Hardware Considerations section for
specific layout recommendations for the JESD204B channel.
Low power mode is recommended if the insertion loss of the
JESD204B PCB channels is less than that of the most lossy
supported channel for low power mode (shown in Figure 51). If
the insertion loss is greater than that, but still less than that of
the most lossy supported channel for normal mode (shown in
Figure 51), use normal mode. At 12.5 Gbps operation, the
equalizer in normal mode consumes about 4 mW more power
per lane than in low power equalizer mode. Note that either mode
can be used in conjunction with transmitter preemphasis to
ensure functionality and/or optimize for power.
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
6.250
9.375
3.125
AD9166 ALLOWED
CHANNEL LOSS
(NORMAL MODE)
AD9166 ALLOWED
CHANNEL LOSS
(LOW POWER MODE)
JESD204B SPEC ALLOWED
CHANNEL LOSS
EXAMPLE OF
JESD204B
COMPLIANT
CHANNEL
EXAMPLE OF
AD9166
COMPATIBLE
CHANNEL (LOW
POWER MODE)
EXAMPLE OF
AD9166
COMPATIBLE
CHANNEL
(NORMAL MODE)
Figure 51. Insertion Loss Allowed
–40
–35
–30
–25
–20
–15
–10
–5
0
0
123
45
6
7
89
10
FREQUENCY (GHz)
STRIPLINE = 6"
STRIPLINE = 10"
STRIPLINE = 15"
STRIPLINE = 20"
STRIPLINE = 25"
STRIPLINE = 30"
Figure 52. Insertion Loss of 50 Ω Striplines on FR4
–40
–35
–30
–25
–20
–15
–10
–5
0
FREQUENCY (GHz)
STRIPLINE = 6"
STRIPLINE = 10"
STRIPLINE = 15"
STRIPLINE = 20"
STRIPLINE = 25"
STRIPLINE = 30"
Figure 53. Insertion Loss of 50 Ω Microstrips on FR4
÷2
÷8
PCLK
GENERATOR
÷4, ÷2,
OR ÷1
CDR OVERSAMP
REG 0x289
PLL REF CLOCK
VALID RANGE
35MHz TO 80MHz
SAMPLE CLOCK
I, Q TO CDR
VALID RANGE
3GHz TO 6.25GHz
ENABLE HALF RATE
DIVISION RATE
REG 0x230
JESD LANE CLOCK
(SAME RATE AS PCLK)
INTERPOLATION
JESD LANES
REG 0x110
PLL_REF_CLK_RATE
1×, 2×, 4×
REG 0x084
DAC CLOCK
÷6 TO ÷127,
DEFAULT: 10
CP
LF
CDR
÷N
÷4
MODE
HALF RATE
FULL RATE, NO DIV
FULL RATE, DIV 2
FULL RATE, DIV 4
DIVIDE (N)
20
40
80
160
Figure 54. SERDES PLL Synthesizer Block Diagram Including VCO Divider Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com