Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 71 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9166 Datasheet HTML 67Page - Analog Devices AD9166 Datasheet HTML 68Page - Analog Devices AD9166 Datasheet HTML 69Page - Analog Devices AD9166 Datasheet HTML 70Page - Analog Devices AD9166 Datasheet HTML 71Page - Analog Devices AD9166 Datasheet HTML 72Page - Analog Devices AD9166 Datasheet HTML 73Page - Analog Devices AD9166 Datasheet HTML 74Page - Analog Devices AD9166 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 71 of 138
Reg.
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x095
DLL_FINE
[7:0]
DLL_FINE
0x80
R/W
0x096
DLL_PHASE
[7:0]
Reserved
DLL_PHS
0x08
R/W
0x097
DLL_BW
[7:0]
Reserved
DLL_FILT_BW
DLL_WEIGHT
0x00
R/W
0x098
DLL_READ
[7:0]
Reserved
DLL_READ
0x00
R/W
0x099
DLL_COARSE_
RB
[7:0]
Reserved
DLL_COARSE_RB
0x00
R
0x09A
DLL_FINE_RB
[7:0]
DLL_FINE_RB
0x00
R
0x09B
DLL_PHASE_RB [7:0]
Reserved
DLL_PHS_RB
0x00
R
0x09D
DIG_CLK_
INVERT
[7:0]
Reserved
INV_DIG_CLK
DIG_CLK_
DC_EN
DIG_CLK_
XC_EN
0x03
R/W
0x0A0
DLL_CLK_
DEBUG
[7:0] DLL_TEST_EN
Reserved
DLL_TEST_DIV
0x00
R/W
0x110
INTERP_MODE
[7:0]
JESD_LANES
INTERP_MODE
0x81
R/W
0x111
DATAPATH_
CFG
[7:0] INVSINC_EN
NCO_EN
Reserved
FILT_BW
Reserved
MODULUS_EN SEL_
SIDEBAND
FIR85_
FILT_EN
0x00
R/W
0x113
FTW_UPDATE
[7:0] Reserved
FTW_REQ_MODE
Reserved
FTW_LOAD_
SYSREF
FTW_
LOAD_ACK
FTW_LOAD
_REQ
0x00
R/W
0x114
FTW0
[7:0]
FTW[7:0]
0x00
R/W
0x115
FTW1
[7:0]
FTW[15:8]
0x00
R/W
0x116
FTW2
[7:0]
FTW[23:16]
0x00
R/W
0x117
FTW3
[7:0]
FTW[31:24]
0x00
R/W
0x118
FTW4
[7:0]
FTW[39:32]
0x00
R/W
0x119
FTW5
[7:0]
FTW[47:40]
0x00
R/W
0x11C
PHASE_
OFFSET0
[7:0]
NCO_PHASE_OFFSET[7:0]
0x00
R/W
0x11D
PHASE_
OFFSET1
[7:0]
NCO_PHASE_OFFSET[15:8]
0x00
R/W
0x124
ACC_
MODULUS0
[7:0]
ACC_MODULUS[7:0]
0x00
R/W
0x125
ACC_
MODULUS1
[7:0]
ACC_MODULUS[15:8]
0x00
R/W
0x126
ACC_
MODULUS2
[7:0]
ACC_MODULUS[23:16]
0x00
R/W
0x127
ACC_
MODULUS3
[7:0]
ACC_MODULUS[31:24]
0x00
R/W
0x128
ACC_
MODULUS4
[7:0]
ACC_MODULUS[39:32]
0x00
R/W
0x129
ACC_
MODULUS5
[7:0]
ACC_MODULUS[47:40]
0x00
R/W
0x12A
ACC_DELTA0
[7:0]
ACC_DELTA[7:0]
0x00
R/W
0x12B
ACC_DELTA1
[7:0]
ACC_DELTA[15:8]
0x00
R/W
0x12C
ACC_DELTA2
[7:0]
ACC_DELTA[23:16]
0x00
R/W
0x12D
ACC_DELTA3
[7:0]
ACC_DELTA[31:24]
0x00
R/W
0x12E
ACC_DELTA4
[7:0]
ACC_DELTA[39:32]
0x00
R/W
0x12F
ACC_DELTA5
[7:0]
ACC_DELTA[47:40]
0x00
R/W
0x132
TEMP_SENS_
LSB
[7:0]
TEMP_SENS_OUT[7:0]
R
0x133
TEMP_SENS_
MSB
[7:0]
TEMP_SENS_OUT[15:8]
R
0x134
TEMP_SENS_
UPDATE
[7:0]
Reserved
TEMP_
SENS_
UPDATE
0x00
R/W
0x135
TEMP_SENS_
CTRL
[7:0] TEMP_SENS_
FAST
Reserved
TEMP_
SENS_
ENABLE
R/W
0x14B
PRBS
[7:0] PRBS_GOOD_
Q
PRBS_
GOOD_I
Reserved
PRBS_INV_Q PRBS_INV_I PRBS_MODE
PRBS_RESET PRBS_EN
0x10
R/W
0x14C
PRBS_ERROR_I
[7:0]
PRBS_COUNT_I
0x00
R
0x14D
PRBS_ERROR_Q [7:0]
PRBS_COUNT_Q
0x00
R
0x14E
TEST_DC_
DATA1
[7:0]
DC_TEST_DATA[15:8]
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com