Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9166 Datasheet HTML 7Page - Analog Devices AD9166 Datasheet HTML 8Page - Analog Devices AD9166 Datasheet HTML 9Page - Analog Devices AD9166 Datasheet HTML 10Page - Analog Devices AD9166 Datasheet HTML 11Page - Analog Devices AD9166 Datasheet HTML 12Page - Analog Devices AD9166 Datasheet HTML 13Page - Analog Devices AD9166 Datasheet HTML 14Page - Analog Devices AD9166 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 11 of 138
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
NOISE SPECTRAL DENSITY (NSD)
Single tone, IOUTFS = 40 mA
fOUT = 537 MHz
−157
dBc/Hz
fOUT = 1044 MHz
−157
dBc/Hz
fOUT = 2062 MHz
−157
dBc/Hz
fOUT = 3791 MHz
−154
dBc/Hz
fOUT = 4095 MHz
−157
dBc/Hz
fOUT = 5011 MHz
−153
dBc/Hz
fOUT = 5926 MHz
−150
dBc/Hz
SINGLE SIDEBAND PHASE NOISE AT OFFSET
fOUT = 3600 MHz, fDAC = 12,042.24 MSPS
1 kHz Offset
−110.2
dBc/Hz
10 kHz Offset
−134.8
dBc/Hz
100 kHz Offset
−140.4
dBc/Hz
1 MHz Offset
−149.0
dBc/Hz
10 MHz Offset
−154.0
dBc/Hz
1 See the Clock Input section for more details on optimizing SFDR and reducing the image of the fundamental with clock input tuning.
CMOS PIN SPECIFICATIONS
DAC_2P5_AN = 2.5 V, DAC_1P2_AN = DAC_1P2_CLK = 1.2 V, DAC_N1P2_AN = −1.2 V, DAC_1P2_DIG = 1.2 V, VDD_IO = 2.5 V,
DAC_1P2_SER = 1.2 V, DAC_3P3_SYNC =3.3 V, AMP_5V_IN = 5.0 V, AMP_3P3_OUT = 3.3 V, AMP_3P3 = 3.3V, AMP_N5 = −5.0 V,
IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted. CS_x refers to CS_AMP and CS_DAC.
Table 8.
Parameter
Symbol
Test Comments/Conditions
Min
Typ
Max
Unit
INPUTS (SDIO, SCLK, CS_x, RESET, TX_ENABLE)
Voltage Input
High
VIH
1.8 V ≤ VDD_IO ≤ 2.5 V
0.7 × VDD_IO
V
Low
VIL
1.8 V ≤ VDD_IO ≤ 2.5 V
0.3 × VDD_IO
V
Current Input
High
IIH
75
μA
Low
IIL
−150
μA
OUTPUTS (SDIO, SDO)
Voltage Output
High
VOH
1.8 V ≤ VDD_IO ≤ 3.3 V
0.8 × VDD_IO
V
Low
VOL
1.8 V ≤ VDD_IO ≤ 3.3 V
0.2 × VDD_IO
V
Current Output
High
IOH
4
mA
Low
IOL
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com