Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 5 Page - Analog Devices

  AD9166 Datasheet HTML 1Page - Analog Devices AD9166 Datasheet HTML 2Page - Analog Devices AD9166 Datasheet HTML 3Page - Analog Devices AD9166 Datasheet HTML 4Page - Analog Devices AD9166 Datasheet HTML 5Page - Analog Devices AD9166 Datasheet HTML 6Page - Analog Devices AD9166 Datasheet HTML 7Page - Analog Devices AD9166 Datasheet HTML 8Page - Analog Devices AD9166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 5 of 138
POWER SUPPLY DC SPECIFICATIONS
IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted. FIR85 is the finite impulse response with 85 dB digital attenuation.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
8 LANES, 2× INTERPOLATION (80%), 3 GSPS
NCO on, FIR85 on
Analog Supply Currents
DAC_2P5_AN
53.5
57
mA
DAC_1P2_AN
1
111
μA
DAC_1P2_CLK
239
255
mA
DAC_N1P2_AN
−117
−111.1
mA
AMP_5V_IN
169.9
182
mA
AMP_3P3_OUT
65.1
70.7
mA
AMP_N5
187.8
209
mA
AMP_3P3
21.2
23
mA
Digital Supply Currents
DAC_1P2_DIG
545
611
mA
VDD_IO1
VDD_IO = 2.5 V
2.5
2.7
mA
DAC_1P2_SER
567.4
627
mA
DAC_3P3_SYNC
9.1
11
mA
8 LANES, 6× INTERPOLATION (80%), 3 GSPS
NCO on, FIR85 on
Analog Supply Currents
DAC_2P5_AN
53.5
mA
DAC_1P2_AN
1.4
μA
DAC_1P2_CLK
238.1
mA
DAC_N1P2_AN
−111.1
mA
AMP_5V_IN
169.7
mA
AMP_3P3_OUT
65.0
mA
AMP_N5
195.1
mA
AMP_3P3
21.1
mA
Digital Supply Currents
DAC_1P2_DIG
632.4
mA
VDD_IO1
VDD_IO = 2.5 V
0.025
mA
DAC_1P2_SER
614.2
mA
DAC_3P3_SYNC
9.2
mA
NCO ONLY MODE, 5 GSPS
Analog Supply Currents
DAC_2P5_AN
47.6
63
mA
DAC_1P2_AN
0
109
μA
DAC_1P2_CLK
359
382
mA
DAC_N1P2_AN
−120
−104.9
mA
AMP_5V_IN
169.7
182
mA
AMP_3P3_OUT
65.1
71
mA
AMP_N5
194.9
216
mA
AMP_3P3
21.1
23
mA
Digital Supply Currents
DAC_1P2_DIG
446.9
493
mA
VDD_IO1
VDD_IO = 2.5 V
2.5
2.7
mA
DAC_1P2_SER
3.0
8.5
mA
DAC_3P3_SYNC
0.34
0.44
mA
8 LANES, 4× INTERPOLATION (80%), 5 GSPS
NCO on, FIR85 off (unless otherwise noted for this test)
Analog Supply Currents
DAC_2P5_AN
55.5
59
mA
DAC_1P2_AN
0.1
123
μA
DAC_1P2_CLK
358.9
382
mA
DAC_N1P2_AN
−126
−120.0
mA
AMP_5V_IN
166.8
178
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com