Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9166 Datasheet HTML 4Page - Analog Devices AD9166 Datasheet HTML 5Page - Analog Devices AD9166 Datasheet HTML 6Page - Analog Devices AD9166 Datasheet HTML 7Page - Analog Devices AD9166 Datasheet HTML 8Page - Analog Devices AD9166 Datasheet HTML 9Page - Analog Devices AD9166 Datasheet HTML 10Page - Analog Devices AD9166 Datasheet HTML 11Page - Analog Devices AD9166 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 8 of 138
JESD204B INTERFACE SPECIFICATIONS
DAC_2P5_AN = 2.5 V, DAC_1P2_AN = DAC_1P2_CLK = 1.2 V, DAC_N1P2_AN = −1.2 V, DAC_1P2_DIG = 1.2 V, VDD_IO = 2.5 V,
DAC_1P2_SER = 1.2 V, DAC_3P3_SYNC = 3.3 V, AMP_5V_IN = 5.0 V, AMP_3P3_OUT = 3.3 V, AMP_3P3 = 3.3 V, AMP_N5 = −5.0 V,
IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted. VTT is the termination voltage.
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SERIAL INTERFACE SPEED
Guaranteed operating range per each lane
Half Rate
6
12.5
Gbps
Full Rate
3
6.25
Gbps
Oversampling
1.5
3.125
Gbps
2× Oversampling
0.750
1.5625
Gbps
JESD204B DATA INPUTS
Input Leakage Current
TA = 25°C
Logic High
Input level = 1.2 V ± 0.25 V, VTT = 1.2 V
10
μA
Logic Low
Input level = 0 V
−4
μA
Unit Interval
UI
80
1333
ps
Common-Mode Voltage
VRCM
AC-coupled, VTT = DAC_1P2_SER1
−0.05
+1.85
V
Differential Voltage
VDIFF
110
1050
mV
VTT Source Impedance
ZTT
At dc
30
Ω
Differential Impedance
ZRDIFF
At dc
80
100
120
Ω
Differential Return Loss
RLRDIF
8
dB
Common-Mode Return Loss
RLRCM
6
dB
SYSREF± INPUT
Differential Impedance
121
Ω
DIFFERENTIAL OUTPUTS (SYNCOUT±)2
Driving 100 Ω differential load
Output Differential Voltage
VOD
350
420
450
mV
Output Offset Voltage
VOS
1.15
1.2
1.27
V
1 As measured on the input side of the ac coupling capacitor.
2 IEEE Standard 1596.3 LVDS compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com