Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9166 Datasheet HTML 40Page - Analog Devices AD9166 Datasheet HTML 41Page - Analog Devices AD9166 Datasheet HTML 42Page - Analog Devices AD9166 Datasheet HTML 43Page - Analog Devices AD9166 Datasheet HTML 44Page - Analog Devices AD9166 Datasheet HTML 45Page - Analog Devices AD9166 Datasheet HTML 46Page - Analog Devices AD9166 Datasheet HTML 47Page - Analog Devices AD9166 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 44 of 138
A value of yes in Table 27 means the interpolation rate is supported
for the number of lanes. A blank cell means it is not supported.
Table 27. Interpolation Rates and Number of Lanes
Interpolation
8
6
4
3
2
1
1×
Yes1
2×
Yes
Yes1
3×
Yes
Yes
4×
Yes
Yes
Yes
Yes1
6×
Yes
Yes
Yes
Yes
8×
Yes
Yes
Yes
Yes
Yes
12×
Yes
Yes
Yes
Yes
Yes
16×
Yes
Yes
Yes
Yes
Yes
Yes
24×
Yes
Yes
Yes
Yes
Yes
Yes
1 These modes restrict the maximum device clock rate to 5 GHz.
Configuration Parameters
The AD9166 modes refer to the link configuration parameters
for L, K, M, N, NP, S, and F. Table 28 provides the description
and addresses for these settings.
Table 28. Configuration Parameters
JESD204B
Setting
Description
Address
L − 1
Number of lanes minus 1.
Register 0x453,
Bits[4:0]
F − 1
Number of ((octets per frame) per
lane) minus 1.
Register 0x454,
Bits[7:0]
K − 1
Number of frames per multiframe
minus 1.
Register 0x455,
Bits[4:0]
M − 1
Number of converters minus 1.
Register 0x456,
Bits[7:0]
N − 1
Converter bit resolution minus 1.
Register 0x457,
Bits[4:0]
NP − 1
Bit packing per sample minus 1.
Register 0x458,
Bits[4:0]
S − 1
Number of ((samples per
converter) per frame) minus 1.
Register 0x459,
Bits[4:0]
HD
High density format. Set to 1 if F =
1. Leave at 0 if F ≠ 1.
Register
0x45A, Bit 7
DID
Device ID. Match the device ID
sent by the transmitter.
Register 0x450,
Bits[7:0]
BID
Bank ID. Match the bank ID sent by
the transmitter.
Register 0x451,
Bits[7:0]
LID0
Lane ID for Lane 0. Match the Lane
ID sent by the transmitter on
Logical Lane 0.
Register 0x452,
Bits[4:0]
JESDV
JESD204x version. Match the
version sent by the transmitter
(0x0 = JESD204A, 0x1 =
JESD204B).
Register 0x459,
Bits[7:5]
Data Flow Through the JESD204B Receiver
The link configuration parameters determine how the serial bits
on the JESD204B receiver interface are deframed and passed on
to the DACs as data samples.
Deskewing and Enabling Logical Lanes
After proper configuration, the logical lanes are automatically
deskewed. All logical lanes are enabled or not based on the lane
number setting in Register 0x110, Bits[7:4]. The physical lanes
are all powered up by default.
To disable power to physical lanes that are not being used, set Bit x
in Register 0x201 to 1 to disable Physical Lane x, and keep it at 0
to enable it.
JESD204B TEST MODES
PHY PRBS Testing
The JESD204B receiver on the AD9166 includes a pseudorandom
binary sequence (PRBS) pattern checker on the back end of its
physical layer. This functionality enables bit error rate (BER)
testing of each physical lane of the JESD204B link. The PHY
PRBS pattern checker does not require that the JESD204B link be
established. The pattern checker can synchronize with a PRBS7,
PRBS15, or PRBS31 data pattern. The PRBS pattern can be
verified on multiple lanes simultaneously. The error counts for
failing lanes are reported for one JESD204B lane at a time.
Table 29. PHY PRBS Pattern Selection
PHY_PRBS_PAT_SEL Setting
(Register 0x316, Bits[3:2])
PRBS Pattern
0b00 (default)
PRBS7
0b01
PRBS15
0b10
PRBS31
The process for performing PRBS testing on the AD9166 is as
follows, using Table 29 for reference.
1.
Start sending a PRBS7, PRBS15, or PRBS31 pattern from
the JESD204B transmitter.
2.
Select and write the appropriate PRBS pattern to
Register 0x316, Bits[3:2], as shown in Table 29.
3.
Enable the PHY test for all lanes being tested by writing to
PHY_TEST_EN (Register 0x315). Each bit of Register 0x315
enables the PRBS test for the corresponding lane. For example,
writing a 1 to Bit 0 enables the PRBS test for Physical Lane 0.
4.
Toggle PHY_TEST_RESET (Register 0x316, Bit 0) from 0
to 1 then back to 0.
5.
Set PHY_PRBS_TEST_THRESHOLD_xBITS (Bits[23:0],
Register 0x319 to Register 0x317) as desired.
6.
Write a 0 and then a 1 to PHY_TEST_START (Register 0x316,
Bit 1). The rising edge of PHY_TEST_START starts the test.
a.
(Optional) In some cases, it may be necessary to
repeat Step 4 at this point. Toggle PHY_TEST_RESET
(Register 0x316, Bit 0) from 0 to 1, then back to 0.
7.
Wait 500 ms.
8.
Stop the test by writing PHY_TEST_START
(Register 0x316, Bit 1) = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com