Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9166 Datasheet HTML 70Page - Analog Devices AD9166 Datasheet HTML 71Page - Analog Devices AD9166 Datasheet HTML 72Page - Analog Devices AD9166 Datasheet HTML 73Page - Analog Devices AD9166 Datasheet HTML 74Page - Analog Devices AD9166 Datasheet HTML 75Page - Analog Devices AD9166 Datasheet HTML 76Page - Analog Devices AD9166 Datasheet HTML 77Page - Analog Devices AD9166 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 74 of 138
Reg.
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x32D
SHORT_TPL_
TEST_1
[7:0]
SHORT_TPL_REF_SP_LSB
0x00
R/W
0x32E
SHORT_TPL_
TEST_2
[7:0]
SHORT_TPL_REF_SP_MSB
0x00
R/W
0x32F
SHORT_TPL_
TEST_3
[7:0]
Reserved
SHORT_
TPL_FAIL
0x00
R
0x334
JESD_BIT_
INVERSE_CTRL
[7:0]
JESD_BIT_INVERSE
0x00
R/W
0x400
DID_REG
[7:0]
DID_RD
0x00
R
0x401
BID_REG
[7:0]
BID_RD
0x00
R
0x402
LID0_REG
[7:0] Reserved
ADJDIR_
RD
PHADJ_RD
LL_LID0
0x00
R
0x403
SCR_L_REG
[7:0] SCR_RD
Reserved
L_RD
0x00
R
0x404
F_REG
[7:0]
F_RD
0x00
R
0x405
K_REG
[7:0]
Reserved
K_RD
0x00
R
0x406
M_REG
[7:0]
M_RD
0x00
R
0x407
CS_N_REG
[7:0]
CS_RD
Reserved
N_RD
0x00
R
0x408
NP_REG
[7:0]
SUBCLASSV_RD
NP_RD
0x00
R
0x409
S_REG
[7:0]
JESDV_RD
S_RD
0x00
R
0x40A
HD_CF_REG
[7:0] HD_RD
Reserved
CF_RD
0x00
R
0x40B
RES1_REG
[7:0]
RES1_RD
0x00
R
0x40C
RES2_REG
[7:0]
RES2_RD
0x00
R
0x40D
CHECKSUM0_
REG
[7:0]
LL_FCHK0
0x00
R
0x40E
COMPSUM0_
REG
[7:0]
LL_FCMP0
0x00
R
0x412
LID1_REG
[7:0]
Reserved
LL_LID1
0x00
R
0x415
CHECKSUM1_
REG
[7:0]
LL_FCHK1
0x00
R
0x416
COMPSUM1_
REG
[7:0]
LL_FCMP1
0x00
R
0x41A
LID2_REG
[7:0]
Reserved
LL_LID2
0x00
R
0x41D
CHECKSUM2_
REG
[7:0]
LL_FCHK2
0x00
R
0x41E
COMPSUM2_
REG
[7:0]
LL_FCMP2
0x00
R
0x422
LID3_REG
[7:0]
Reserved
LL_LID3
0x00
R
0x425
CHECKSUM3_
REG
[7:0]
LL_FCHK3
0x00
R
0x426
COMPSUM3_
REG
[7:0]
LL_FCMP3
0x00
R
0x42A
LID4_REG
[7:0]
Reserved
LL_LID4
0x00
R
0x42D
CHECKSUM4_
REG
[7:0]
LL_FCHK4
0x00
R
0x42E
COMPSUM4_
REG
[7:0]
LL_FCMP4
0x00
R
0x432
LID5_REG
[7:0]
Reserved
LL_LID5
0x00
R
0x435
CHECKSUM5_
REG
[7:0]
LL_FCHK5
0x00
R
0x436
COMPSUM5_
REG
[7:0]
LL_FCMP5
0x00
R
0x43A
LID6_REG
[7:0]
Reserved
LL_LID6
0x00
R
0x43D
CHECKSUM6_
REG
[7:0]
LL_FCHK6
0x00
R
0x43E
COMPSUM6_
REG
[7:0]
LL_FCMP6
0x00
R
0x442
LID7_REG
[7:0]
Reserved
LL_LID7
0x00
R
0x445
CHECKSUM7_
REG
[7:0]
LL_FCHK7
0x00
R
0x446
COMPSUM7_
REG
[7:0]
LL_FCMP7
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com