Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9166 Datasheet HTML 61Page - Analog Devices AD9166 Datasheet HTML 62Page - Analog Devices AD9166 Datasheet HTML 63Page - Analog Devices AD9166 Datasheet HTML 64Page - Analog Devices AD9166 Datasheet HTML 65Page - Analog Devices AD9166 Datasheet HTML 66Page - Analog Devices AD9166 Datasheet HTML 67Page - Analog Devices AD9166 Datasheet HTML 68Page - Analog Devices AD9166 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 65 of 138
showing the simulated output return loss (S22) of the amplifier
output (see Figure 95), along with the equivalent lump element
model shown in Figure 94.
∞
0
J5
–J5
J2
J1
–J1
–J2
J0.5
–J0.5
J0.2
–J0.2
8.91GHz
9.44 +J62.3
7.5GHz
6.81 +J39.39
10.59GHz
20.94 +J107.23
0.01GHz
49.6 –J0.18
2.24GHz
23.91 –J12.44
5
2
1
0.5
0.2
5.62GHz
7.77 +J17.45
4.22GHz
11.2 +J3.91
Figure 95. S22 vs. Frequency, Showing Output Impedance Relative to ZO = 50 Ω
TEMPERATURE SENSORS
The AD9166 has two junction temperature sensors, a DAC
sensor and an amplifier sensor. The amplifier sensor monitors
the temperature changes of the amplifier, and is located near the
junction of the buffer amplifier. This sensor represents the
junction temperature of the amplifier (TJ_AMP). The DAC sensor
can help monitor the temperature changes of the DAC core,
together with the digital interface inside the AD9166, and is
located near the DAC core. This sensor represents the junction
temperature of the DAC (TJ_DAC).
As the ambient temperature rises, the amplifier typically reaches
its thermal limit before the DAC core. Therefore, TJ,AMP
determines the actual maximum safe operating temperature for
both the amplifier and the DAC core inside the AD9166.
To avoid damage to the amplifier, TJ,AMP must never exceed the
limit defined in the Absolute Maximum Ratings section.
Before use, the sensors must be calibrated to remove the device
to device variations on the band gap and the circuitry that
senses the temperature. The temperature must be calibrated
against a known temperature reference to determine either the
slope or the intercept. This type of calibration is typically
referred to as one-point calibration.
The measured temperature of either sensor, TMEAS, is generally
related to the temperature code by the following formula:
TMEAS = M × CODE_x + TOFFSET
(1)
where CODE_x is the readback code at the unknown
temperature, TMEAS.
To minimize the error due to self heating during calibration, the
AD9166 must be in a low power state with only the temperature
measurement circuitry powered on.
Amplifier Junction Temperature Sensor
The junction temperature sensor reading of the amplifier is
derived from the following transfer functions:
VADC = VBGA × ((CODE_x + 4)/255)
(2)
TMEAS = 318.75 × VADC + TOS
(3)
where:
VADC is the ADC input voltage reading sampled from the
temperature sensor.
VBGA is the band gap voltage of the amplifier, with a nominal
value of 1.09 V.
CODE_x is the ADC readback code at the unknown
temperature, TMEAS.
TOS is the offset of the transfer function to be determined by
calibration
TMEAS is a temperature measurement directly proportional to the
junction temperature of the amplifier (TJ_AMP).
VBGA can be measured at the device pin, and is nominally 1.09 V
with an uncertainty of ±30 mV over process variations in
production, supply voltage variation across the specified range,
and operating temperature range. The error due to VBGA
uncertainty is ±2.75% over process, voltage, and temperature
(PVT) and the full range of the temperature sensor. Most of the
error is due to shifts in the manufacturing process, where the
remaining variations over supply voltage and operating
temperature account for only ~0.3% VBGA uncertainty.
TOS is derived by applying a known temperature, TREF, to the
device case and recording the code, CODE_REF, after the
reading has settled to a constant value within the measurement
uncertainty. During calibration, the AD9166 must be retained
in a low power state so that the error due to internal power
dissipation and self heating is minimized.
Equation 2 and Equation 3 can be combined to solve for TOS
after deriving TREF and CODE_REF during calibration.
TREF = 318.75 × VBGA × ((CODE_REF + 4)/255) + TOS
(4)
TOS = TREF − (318.75 × VBGA × (CODE_REF + 4)/255)
(5)
where:
TREF is the calibrated temperature at which the temperature sensor
is read.
CODE_REF is the readback code at the measured temperature,
TREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com