Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9166 Datasheet HTML 5Page - Analog Devices AD9166 Datasheet HTML 6Page - Analog Devices AD9166 Datasheet HTML 7Page - Analog Devices AD9166 Datasheet HTML 8Page - Analog Devices AD9166 Datasheet HTML 9Page - Analog Devices AD9166 Datasheet HTML 10Page - Analog Devices AD9166 Datasheet HTML 11Page - Analog Devices AD9166 Datasheet HTML 12Page - Analog Devices AD9166 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 9 of 138
INPUT DATA RATE AND BANDWIDTH SPECIFICATIONS
DAC_2P5_AN = 2.5 V, DAC_1P2_AN = DAC_1P2_CLK = 1.2 V, DAC_N1P2_AN = −1.2 V, DAC_1P2_DIG = 1.2 V, VDD_IO = 2.5 V,
DAC_1P2_SER = 1.2 V, DAC_3P3_SYNC = 3.3 V, AMP_5V_IN = 5.0 V, AMP_3P3_OUT = 3.3 V, AMP_3P3 = 3.3 V, AMP_N5 = −5.0 V,
IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT DATA RATE
Complex1
Interpolation > 1×
0.15
2.5
GSPS
Real
Interpolation = 1×
0.3
5.0
GSPS
INSTANTANEOUS SIGNAL BANDWIDTH2
Complex
fCLK = 5 GHz, interpolation = 2×
2.25
GHz
fCLK = 6 GHz, interpolation = 3×
1.8
GHz
Real
fCLK = 5 GHz, interpolation = 1×
2.5
GHz
ANALOG BANDWIDTH
2x NRZ (FIR85 Enabled)
fDAC = 12.0 GSPS
Minimum
DC
GHz
Maximum
9.0
GHz
Mix Mode (FIR85 Disabled)
fDAC = 6.0 GSPS
Minimum
1.0
GHz
Maximum
8.0
GHz
NRZ (FIR85 Disabled)
fDAC = 6.0 GSPS
Minimum
DC
GHz
Maximum3
4.5
GHz
1 The complex data rate is the combined rate for both I and Q.
2 Interpolation filter bandwidth set to 90%.
3 Limited by the available output power due to sinc roll-off. See Figure 88 for more details.
PIPELINE DELAY AND LATENCY UNCERTAINTY SPECIFICATIONS
DAC_2P5_AN = 2.5 V, DAC_1P2_AN = DAC_1P2_CLK = 1.2 V, DAC_N1P2_AN = −1.2 V, DAC_1P2_DIG = 1.2 V, VDD_IO = 2.5 V,
DAC_1P2_SER = 1.2 V, DAC_3P3_SYNC = 3.3 V, AMP_5V_IN = 5.0 V, AMP_3P3_OUT = 3.3 V, AMP_3P3 = 3.3 V, AMP_N5 = −5.0 V,
IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted.
Table 6.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
JESD204B LINK LATENCY
Fixed
12
PCLK2 cycles
Variable
2
PCLK2 cycles
JESD204B TO DATAPATH INTERFACE LATENCY
1
PCLK2 cycle
DATAPATH PIPELINE DELAY3
NCO only, FIR85 off, inverse sinc off
48
fCLK cycles
SYSREF± to LOCAL MULTIFRAME CLOCKS (LMFC) DELAY
JED204B Subclass 1
4
fCLK cycles
DETERMINISTIC LATENCY UNCERTAINTY
JED204B Subclass 0
32
fCLK cycles
JED204B Subclass 14
4
fCLK cycles
1 The total latency through the device is calculated as follows:
Total Latency = Fixed Latency + Variable Latency + Interface Latency + Datapath Pipeline Delay.
2 PCLK is the internal processing clock for the AD9166 and equals the lane rate ÷ 40.
3 See Table 33 for pipeline delay (latency) values across different datapath configurations.
4 The SYSREF± signal input is sampled at a rate of fCLK/4, which leads to up to 4 fCLK cycles of deterministic latency uncertainty, provided that the setup and hold times for
sampling SYSREF± are met according to Table 10. The deterministic latency uncertainty can be further improved, using Register 0x037 and Register 0x038 to read the
exact clock cycle that was used to sample SYSREF±. See the SYSREF± Signal section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com