Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9166 Datasheet HTML 14Page - Analog Devices AD9166 Datasheet HTML 15Page - Analog Devices AD9166 Datasheet HTML 16Page - Analog Devices AD9166 Datasheet HTML 17Page - Analog Devices AD9166 Datasheet HTML 18Page - Analog Devices AD9166 Datasheet HTML 19Page - Analog Devices AD9166 Datasheet HTML 20Page - Analog Devices AD9166 Datasheet HTML 21Page - Analog Devices AD9166 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 18 of 138
TYPICAL PERFORMANCE CHARACTERISTICS
AC PERFORMANCE (2× NRZ (FIR85) MODE)
IOUTFS = 20 mA, fCLK = 6.0 GHz, FIR85 enabled (fDAC = 2 × fCLK), interpolation = 4, nominal supplies, TA = 25°C, unless otherwise noted.
When data is transmitted across a JESD204B link: if fCLK ≤ 5.0 GHz, then interpolation = 2×; if fCLK > 5.0 GHz, then interpolation = 4×.
0
10
–20
–40
–60
–80
–10
–40
–50
–60
–90
–100
FREQUENCY (MHz)
0
12000
10000
8000
6000
4000
2000
4.5dBm
Figure 4. Single-Tone Spectrum at fOUT = 71 MHz
10
–20
–40
–60
–80
–10
–40
–50
–60
–90
–100
FREQUENCY (MHz)
0
12000
10000
8000
6000
4000
2000
0
3.6dBm
Figure 5. Single-Tone Spectrum at fOUT = 1875 MHz
1.2dBm
10
–20
–40
–60
–80
–10
–40
–50
–60
–90
–100
FREQUENCY (MHz)
0
12000
10000
8000
6000
4000
2000
0
Figure 6. Single-Tone Spectrum at fOUT = 3679 MHz
0.9dBm
10
–20
–40
–60
–80
–10
–40
–50
–60
–90
–100
FREQUENCY (MHz)
0
12000
10000
8000
6000
4000
2000
0
Figure 7. Single-Tone Spectrum at fOUT = 5032 MHz
–4.2dBm
10
–20
–40
–60
–80
–10
–40
–50
–60
–90
–100
FREQUENCY (MHz)
0
12000
10000
8000
6000
4000
2000
0
Figure 8. Single-Tone Spectrum at fOUT = 7738 MHz
–10.2dBm
10
–20
–40
–60
–80
–10
–40
–50
–60
–90
–100
FREQUENCY (MHz)
0
12000
10000
8000
6000
4000
2000
0
Figure 9. Single-Tone Spectrum at fOUT = 9222 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com