Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9166 Datasheet HTML 23Page - Analog Devices AD9166 Datasheet HTML 24Page - Analog Devices AD9166 Datasheet HTML 25Page - Analog Devices AD9166 Datasheet HTML 26Page - Analog Devices AD9166 Datasheet HTML 27Page - Analog Devices AD9166 Datasheet HTML 28Page - Analog Devices AD9166 Datasheet HTML 29Page - Analog Devices AD9166 Datasheet HTML 30Page - Analog Devices AD9166 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 27 of 138
SERIAL PORT OPERATION
The AD9166 includes two separate SPI controllers, one for the
DAC and one for the amplifier. Either the DAC or the amplifier
can be addressed using the same SDIO, SDO, and SCLK pins,
while asserting the corresponding chip select pin, CS_AMP or
CS_DAC. CS_AMP and CS_DAC cannot be asserted
simultaneously to address both the DAC and the amplifier
during the same communication cycle, as described in the Chip
Select (CS_AMP and CS_DAC) section.
The serial port is a flexible, synchronous serial communications
port that allows easy interfacing with many industry-standard
microcontrollers and microprocessors. The serial input/output
(I/O) is compatible with most synchronous transfer formats,
including both the Motorola SPI and Intel® SSR protocols. The
interface allows read/write access to all registers that configure
the AD9166. MSB first or LSB first transfer formats are supported.
The serial port interface can be configured as a 4-wire interface
or a 3-wire interface in which the input and output share a single-
pin I/O (SDIO).
SCLK
SDO
SIO
CS_AMP
SPI
PORT
J14
J13
J12
M13
CS_DAC
B14
Figure 43. Serial Port Interface Pins
There are two phases to a communication cycle with the AD9166.
Phase 1 is the instruction cycle (the writing of an instruction
byte into the device), coincident with the first 16 SCLK rising
edges. The instruction word provides the serial port controller
with information regarding the data transfer cycle, Phase 2 of
the communication cycle. The Phase 1 instruction word defines
whether the upcoming data transfer is a read or write, along with
the starting register address for the following data transfer.
A logic high on the pin followed by a logic low resets the serial
port timing to the initial state of the instruction cycle. From this
state, the next 16 rising SCLK edges represent the instruction
bits of the current I/O operation.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the device and
the system controller. Phase 2 of the communication cycle is a
transfer of one or more data bytes. Eight × N SCLK cycles are
needed to transfer N bytes during the transfer cycle. Registers
change immediately upon writing to the last bit of each transfer
byte, except for the FTW and NCO phase offsets, which change
only when the frequency tuning word FTW_LOAD_REQ bit is set.
A logic high on CS_AMP or CS_DAC followed by a logic low
resets the serial port timing to the initial state of the instruction
cycle. From this state, the next 16 rising SCLK edges represent
the instruction bits of the current I/O operation.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the device and the
system controller. Phase 2 of the communication cycle is a transfer
of one or more data bytes. Eight × N SCLK cycles are needed to
transfer N bytes during the transfer cycle. Registers change
immediately upon writing to the last bit of each transfer byte,
except for the FTW and NCO phase offsets, which change only
when the frequency tuning word bit, FTW_LOAD_REQ, is set.
DATA FORMAT
The instruction byte contains the information listed in Table 14.
Table 14. Serial Port Instruction Word
I15 (MSB)
I[14:0]
R/W
A[14:0]
R/W, Bit I15 of the instruction word, determines whether a
read or a write data transfer occurs after the instruction word
write. Logic 1 indicates a read operation, and Logic 0 indicates a
write operation.
A14 to A0, Bit I14 to Bit I0 of the instruction word, determine
the register that is accessed during the data transfer portion of
the communication cycle. For multibyte transfers, A[14:0] is the
starting address. The remaining register addresses are generated
by the device based on the address increment bit. If the address
increment bits are set high (Register 0x000, Bit 5 and Bit 2), multi-
byte SPI writes start on A[14:0] and increment by 1 for every
eight bits sent or received. If the address increment bits are set
to 0, the address decrements by 1 every eight bits.
SERIAL PORT PIN DESCRIPTIONS
Serial Clock (SCLK)
The serial clock pin synchronizes data to and from the device
and runs the internal state machines. The maximum frequency
of SCLK is 100 MHz. All data input is registered on the rising
edge of SCLK. All data is driven out on the falling edge of SCLK.
Chip Select (CS_AMP and CS_DAC)
The AD9166 includes two chip select pins, one for the DAC
(CS_DAC) and one for the buffer amplifier (CS_AMP),
hereafter referred to as CS_x. The correct CS_x pin must be
asserted to address the particular silicon die. CS_AMP and
CS_DAC cannot be asserted simultaneously.
An active low input starts and gates a communication cycle.
CS_x allows more than one device to be used on the same serial
communications line. The SDIO pin goes to a high impedance
state when this input is high. During the communication cycle,
the chip select must stay low.
Serial Data I/O (SDIO)
The SDIO pin is a bidirectional data line. In 4-wire mode, the
SDIO pin acts as the data input and the SDO pin acts as the data
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com