Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9166 Datasheet HTML 68Page - Analog Devices AD9166 Datasheet HTML 69Page - Analog Devices AD9166 Datasheet HTML 70Page - Analog Devices AD9166 Datasheet HTML 71Page - Analog Devices AD9166 Datasheet HTML 72Page - Analog Devices AD9166 Datasheet HTML 73Page - Analog Devices AD9166 Datasheet HTML 74Page - Analog Devices AD9166 Datasheet HTML 75Page - Analog Devices AD9166 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 72 of 138
Reg.
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x14F
TEST_DC_
DATA0
[7:0]
DC_TEST_DATA[7:0]
0x00
R/W
0x150
DIG_TEST
[7:0]
Reserved
DC_TEST_
EN
Reserved
0x00
R/W
0x151
DECODE_CTRL
[7:0]
Reserved
Shuffle
Reserved
0x01
R/W
0x152
DECODE_MODE [7:0]
Reserved
DECODE_MODE
0x00
R/W
0x1DF
SPI_STRENGTH
[7:0]
Reserved
SPIDRV
0x0F
R/W
0x200
MASTER_PD
[7:0]
Reserved
SPI_PD_
MASTER
0x01
R/W
0x201
PHY_PD
[7:0]
SPI_PD_PHY
0x00
R/W
0x203
GENERIC_PD
[7:0]
Reserved
SPI_
SYNC1_PD
Reserved
0x00
R/W
0x206
CDR_RESET
[7:0]
Reserved
SPI_CDR_
RESET
0x01
R/W
0x230
CDR_
OPERATING_
MODE_REG_0
[7:0]
Reserved
SPI_
ENHALFRATE
Reserved
SPI_DIVISION_RATE
Reserved
0x28
R/W
0x250
EQ_CONFIG_
PHY_0_1
[7:0]
SPI_EQ_CONFIG1
SPI_EQ_CONFIG0
0x88
R/W
0x251
EQ_CONFIG_
PHY_2_3
[7:0]
SPI_EQ_CONFIG3
SPI_EQ_CONFIG2
0x88
R/W
0x252
EQ_CONFIG_
PHY_4_5
[7:0]
SPI_EQ_CONFIG5
SPI_EQ_CONFIG4
0x88
R/W
0x253
EQ_CONFIG_
PHY_6_7
[7:0]
SPI_EQ_CONFIG7
SPI_EQ_CONFIG6
0x88
R/W
0x268
EQ_BIAS_REG
[7:0]
EQ_POWER_MODE
Reserved
0x62
R/W
0x280
SYNTH_
ENABLE_CNTRL
[7:0]
Reserved
SPI_RECAL_
SYNTH
Reserved
SPI_
ENABLE_
SYNTH
0x00
R/W
0x281
PLL_STATUS
[7:0]
Reserved
SPI_CP_
OVER_
RANGE_
HIGH_RB
SPI_CP_
OVER_
RANGE_
LOW_RB
SPI_CP_
CAL_
VALID_RB
Reserved
SPI_PLL_
LOCK_RB
0x00
R
0x289
REF_CLK_
DIVIDER_LDO
[7:0]
Reserved
SERDES_PLL_DIV_
FACTOR
0x04
R/W
0x2A7
TERM_BLK1_
CTRLREG0
[7:0]
Reserved
SPI_I_TUNE
_R_CAL_
TERMBLK1
0x00
R/W
0x2A8
TERM_BLK1_
CTRLREG1
[7:0]
SPI_I_SERIALIZER_RTRIM_TERMBLK1
0x00
R/W
0x2AC
TERM_BLK1_
RD_REG0
[7:0]
Reserved
SPI_O_RCAL_CODE_TERMBLK1
0x00
R
0x2AE
TERM_BLK2_
CTRLREG0
[7:0]
Reserved
SPI_I_TUNE
_R_CAL_
TERMBLK2
0x00
R/W
0x2AF
TERM_BLK2_
CTRLREG1
[7:0]
SPI_I_SERIALIZER_RTRIM_TERMBLK2
0x00
R/W
0x2B3
TERM_BLK2_
RD_REG0
[7:0]
Reserved
SPI_O_RCAL_CODE_TERMBLK2
0x00
R
0x2BB
TERM_OFFSET_
0
[7:0]
Reserved
TERM_OFFSET_0
0x00
R/W
0x2BC
TERM_OFFSET_
1
[7:0]
Reserved
TERM_OFFSET_1
0x00
R/W
0x2BD
TERM_OFFSET_
2
[7:0]
Reserved
TERM_OFFSET_2
0x00
R/W
0x2BE
TERM_OFFSET_
3
[7:0]
Reserved
TERM_OFFSET_3
0x00
R/W
0x2BF
TERM_OFFSET_
4
[7:0]
Reserved
TERM_OFFSET_4
0x00
R/W
0x2C0
TERM_OFFSET_
5
[7:0]
Reserved
TERM_OFFSET_5
0x00
R/W
0x2C1
TERM_OFFSET_
6
[7:0]
Reserved
TERM_OFFSET_6
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com