Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 89 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9166 Datasheet HTML 85Page - Analog Devices AD9166 Datasheet HTML 86Page - Analog Devices AD9166 Datasheet HTML 87Page - Analog Devices AD9166 Datasheet HTML 88Page - Analog Devices AD9166 Datasheet HTML 89Page - Analog Devices AD9166 Datasheet HTML 90Page - Analog Devices AD9166 Datasheet HTML 91Page - Analog Devices AD9166 Datasheet HTML 92Page - Analog Devices AD9166 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 89 of 138
Hex.
Addr.
Register Name
Bit
No.
Bit Name
Settings
Description
Reset
Access
0x14B
PRBS
7
PRBS_GOOD_Q
Good data indicator,
imaginary channel.
0x0
R
0 Incorrect sequence detected.
1 Correct PRBS sequence
detected.
6
PRBS_GOOD_I
Good data indicator, real
channel.
0x0
R
0 Incorrect sequence detected.
1 Correct PRBS sequence
detected.
5
Reserved
Reserved.
0x0
R
4
PRBS_INV_Q
Data inversion, imaginary
channel.
0x1
R/W
0 Expect normal data.
1 Expect inverted data.
3
PRBS_INV_I
Data inversion, real channel.
0x0
R/W
0 Expect normal data.
1 Expect inverted data.
2
PRBS_MODE
Polynomial select.
0x0
R/W
07-bit: x7 + x6 + 1.
1 15-bit: x15 + x14 + 1.
1
PRBS_RESET
Reset error counters.
0x0
R/W
0 Normal operation.
1 Reset counters.
0
PRBS_EN
Enable PRBS checker.
0x0
R/W
0 Disable.
1Enable.
0x14C
PRBS_ERROR_I
[7:0] PRBS_COUNT_I
Error count value real channel. 0x0
R
0x14D
PRBS_ERROR_Q
[7:0] PRBS_COUNT_Q
Error count value imaginary
channel.
0x0
R
0x14E
TEST_DC_DATA1
[7:0] DC_TEST_DATA[15:8]
DC test data.
0x0
R/W
0x14F
TEST_DC_DATA0
[7:0] DC_TEST_DATA[7:0]
DC test data.
0x0
R/W
0x150
DIG_TEST
[7:2] Reserved
Reserved.
0x0
R
1
DC_TEST_EN
DC data test mode enable.
0x0
R/W
1 DC test mode enable.
0 DC test mode disable.
0
Reserved
Reserved.
0x0
R/W
0x151
DECODE_CTRL
[7:3] Reserved
Reserved.
0x0
R/W
2
Shuffle
Shuffle mode. Enables shuffle
mode for improved spurious
performance.
0x0
R/W
0 Disable MSB shuffling (use
thermometer encoding).
1 Enable MSB shuffling.
[1:0] Reserved
Reserved.
0x0
R/W
0x152
DECODE_MODE
[7:2] Reserved
Reserved.
0x0
R
[1:0] DECODE_MODE
Decode mode.
0x0
R/W
00 NRZ mode (first Nyquist).
01 Mix mode (second Nyquist).
10 Return to zero.
11 Reserved.
0x1DF
SPI_STRENGTH
[7:4] Reserved
Reserved.
0x0
R
[3:0] SPIDRV
Slew and drive strength for
CMOS SPI outputs. Slew =
Bits[1:0], drive = Bits[3:2].
0xF
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com