Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 61 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9166 Datasheet HTML 57Page - Analog Devices AD9166 Datasheet HTML 58Page - Analog Devices AD9166 Datasheet HTML 59Page - Analog Devices AD9166 Datasheet HTML 60Page - Analog Devices AD9166 Datasheet HTML 61Page - Analog Devices AD9166 Datasheet HTML 62Page - Analog Devices AD9166 Datasheet HTML 63Page - Analog Devices AD9166 Datasheet HTML 64Page - Analog Devices AD9166 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 61 of 138
ANALOG INTERFACE CONSIDERATIONS
ANALOG MODES OF OPERATION
The AD9166 DAC core uses the quad-switch architecture shown in
Figure 84. Only one pair of switches is enabled during a half-clock
cycle, thus requiring each pair to be clocked on alternative clock
edges. A key benefit of the quad-switch architecture is that it masks
the code dependent glitches that occur in the conventional two-
switch DAC architecture.
VG1
VSSA
IOUTP
IOUTN
VG1VG2VG3VG4
CLK±
CLK
LATCHES
DATA INPUT
VG2
VG3
VG4
NOTES
IOUTP AND IOUTN ARE THE POSITIVE AND NEGATIVE OUTPUT
CURRENTS, VGx IS THE GATE VOLTAGE, AND VSSA IS THE ANALOG
SUPPLY VOLTAGE.
Figure 84. Quad-Switch Architecture
In dual-switch architecture, when a switch transition occurs and
Data 1 and Data 2 (D1 and D2 in Figure 85) are in different
states, a glitch occurs. However, if D1 and D2 happen to be at the
same state, the switch transitions and no glitches occur. This
code dependent glitching causes an increased amount of
distortion in the DAC core. In quad-switch architecture (no
matter what the codes are), there are always two switches that
are transitioning at each half-clock cycle, thus eliminating the
code dependent glitches but creating a constant glitch at 2 × fDAC
in the process. For this reason, a significant clock spur at 2 × fDAC
is evident in the output spectrum of the core.
INPUT
DATA
DAC CLOCK
TWO-SWITCH
DAC OUTPUT
FOUR-SWITCH
DAC OUTPUT
(NORMAL MODE)
t
D1 D2 D3 D4 D5
D6 D7 D8 D9 D10
D6 D7 D8 D9 D10
D1 D2 D3 D4 D5
D6 D7 D8 D9 D10
D1 D2
D3
D4 D5
t
Figure 85. Two-Switch and Quad-Switch DAC Waveforms
As a consequence of the quad-switch architecture enabling updates
on each half-clock cycle, it is possible to operate the DAC core at
2× the expected DAC update rate (fS) if new data samples are
latched into the DAC core on both the rising and falling edge of the
device clock (fCLK). This notion serves as the basis when operating
the AD9166 in mix mode, RZ mode, or 2× NRZ mode. In each
case, the DAC core is presented with new data samples on each
clock edge. In RZ mode, the rising edge clocks data and the
falling edge clocks zero. In mix mode, the falling edge sample is
simply the complement of the rising edge sample value. In 2×
NRZ mode, both the rising edge and falling edge clock new data
samples. See the 2× NRZ Mode section for more details.
When mix mode is used, the output is effectively chopped at the
DAC sample rate. This chopping has the effect of reducing the
power of the fundamental signal while increasing the power of
the images centered around the DAC sample rate, thus improving
the dynamic range of these images.
INPUT
DATA
DAC CLOCK
FOUR-SWITCH
DAC OUTPUT
(
fS MIX MODE)
–D6
–D7
–D8
–D9
–D10
D6
D7
D8
D9
D10
–D1
–D2
–D3
–D4
–D5
D1
D2
D3
D4
D5
D6 D7 D8 D9 D10
D1
D2
D3
D4
D5
t
Figure 86. Mix Mode Waveform
This ability to change modes provides the user the flexibility to
place a carrier anywhere in the first three Nyquist zones, depending
on the operating mode selected. Switching between baseband
and mix mode reshapes the sinc roll-off inherent at the DAC
output. In baseband mode, the sinc null appears at fS because the
same sample latched on the rising clock edge is also latched again
on the falling clock edge, thus resulting in the same ubiquitous sinc
response of a traditional DAC. In mix mode, the complement
sample of the rising edge is latched on the falling edge, therefore
pushing the sinc null to 2 × fS. Figure 87 shows the ideal frequency
response of the three modes with the sinc roll-off included.
FREQUENCY (Hz)
0
fS
1.50
fS
1.25
fS
1.00
fS
0.75
fS
0.50
fS
0.25
fS
–35
–30
–25
–20
–15
–10
–5
0
FIRST
NYQUIST ZONE
SECOND
NYQUIST ZONE
THIRD
NYQUIST ZONE
MIX MODE
RZ MODE
NORMAL
MODE
Figure 87. Sinc Roll-Off for NRZ, RZ, and Mix Mode Operation
The quad-switch can be configured via SPI (Register 0x152,
Bits[1:0]) to operate in either NRZ mode (0b00), RZ mode
(0b10), or mix mode (0b01).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com