Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9166 Datasheet HTML 26Page - Analog Devices AD9166 Datasheet HTML 27Page - Analog Devices AD9166 Datasheet HTML 28Page - Analog Devices AD9166 Datasheet HTML 29Page - Analog Devices AD9166 Datasheet HTML 30Page - Analog Devices AD9166 Datasheet HTML 31Page - Analog Devices AD9166 Datasheet HTML 32Page - Analog Devices AD9166 Datasheet HTML 33Page - Analog Devices AD9166 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 30 of 138
Table 16. Data Structure per Lane for JESD204B Operating Modes1
JESD204B Operating Mode
Lane No.
Frame 0
Frame 1
Frame 2
Frame 3
L = 8, M = 1, F = 1, S = 4
Lane 0
M0S0[15:8]
Lane 1
M0S0[7:0]
Lane 2
M0S1[15:8]
Lane 3
M0S1[7:0]
Lane 4
M0S2[15:8]
Lane 5
M0S2[7:0]
Lane 6
M0S3[15:8]
Lane 7
M0S3[7:0]
L = 8, M = 2, F = 1, S = 2
Lane 0
M0S0[15:8]
Lane 1
M0S0[7:0]
Lane 2
M0S1[15:8]
Lane 3
M0S1[7:0]
Lane 4
M1S0[15:8]
Lane 5
M1S0[7:0]
Lane 6
M1S1[15:8]
Lane 7
M1S1[7:0]
L = 6, M = 2, F = 2, S = 3
Lane 0
M0S0[15:8]
M0S0[7:0]
Lane 1
M0S1[15:8]
M0S1[7:0]
Lane 2
M0S2[15:8]
M0S2[7:0]
Lane 3
M1S0[15:8]
M1S0[7:0]
Lane 4
M1S1[15:8]
M1S1[7:0]
Lane 5
M1S2[15:8]
M1S2[7:0]
L = 4, M = 2, F = 1, S = 1
Lane 0
M0S0[15:8]
Lane 1
M0S0[7:0]
Lane 2
M1S0[15:8]
Lane 3
M1S0[7:0]
L = 3, M = 2, F = 4, S = 3
Lane 0
M0S0[15:8]
M0S0[7:0]
M0S1[15:8]
M0S1[7:0]
Lane 1
M0S2[15:8]
M0S2[7:0]
M1S0[15:8]
M1S0[7:0]
Lane 2
M1S1[15:8]
M1S1[7:0]
M1S2[15:8]
M1S2[7:0]
L = 2, M = 2, F = 2, S = 1
Lane 0
M0S0[15:8]
M0S0[7:0]
Lane 1
M1S0[15:8]
M1S0[7:0]
L = 1, M = 2, F = 4, S = 1
Lane 0
M0S0[15:8]
M0S0[7:0]
M1S0[15:8]
M1S0[7:0]
1 Mx is the converter number and Sy is the sample number. For example, M0S0 means Converter 0, Sample 0. Blank cells are not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com