Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9166 Datasheet HTML 2Page - Analog Devices AD9166 Datasheet HTML 3Page - Analog Devices AD9166 Datasheet HTML 4Page - Analog Devices AD9166 Datasheet HTML 5Page - Analog Devices AD9166 Datasheet HTML 6Page - Analog Devices AD9166 Datasheet HTML 7Page - Analog Devices AD9166 Datasheet HTML 8Page - Analog Devices AD9166 Datasheet HTML 9Page - Analog Devices AD9166 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 6 of 138
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
AMP_3P3_OUT
65.1
71
mA
AMP_N5
185.9
207
mA
AMP_3P3
21.3
23
mA
Digital Supply Currents
VDD_IO1
VDD_IO = 2.5 V
2.5
2.7
mA
DAC_1P2_DIG
NCO on, FIR85 off
705.1
769
mA
NCO off, FIR85 on
749.1
819
mA
NCO on, FIR85 on
962.7
1044
mA
DAC_1P2_SER
541.6
586
mA
DAC_3P3_SYNC
9.2
11
mA
8 LANES, 4× INTERPOLATION (80%), 5.8 GSPS
NCO on, FIR85 on
Analog Supply Currents
DAC_2P5_AN
53.5
57
mA
DAC_1P2_AN
0
68
μA
DAC_1P2_CLK
406
430
mA
DAC_N1P2_AN
−117
−111.1
mA
AMP_5V_IN
169.6
182
mA
AMP_3P3_OUT
65.0
71
mA
AMP_N5
194.5
216
mA
AMP_3P3
21.2
23
mA
Digital Supply Currents
VDD_IO1
VDD_IO = 2.5 V
2.5
2.7
mA
DAC_1P2_DIG
1090
1200
mA
DAC_1P2_SER
575.5
622
mA
DAC_3P3_SYNC
9.0
11
mA
8 LANES, 3× INTERPOLATION (80%), 4.5 GSPS
NCO on, FIR85 on
Analog Supply Currents
DAC_2P5_AN
53.5
57
mA
DAC_1P2_AN
0
68
μA
DAC_1P2_CLK
330.5
352
mA
DAC_N1P2_AN
−117
−111.1
mA
AMP_5V_IN
169.7
182
mA
AMP_3P3_OUT
65.0
71
mA
AMP_N5
195.0
216
mA
AMP_3P3
21.2
23
mA
Digital Supply Currents
VDD_IO1
VDD_IO = 2.5 V
2.5
mA
DAC_1P2_DIG
1025.1
1115
mA
DAC_1P2_SER
579.4
626
mA
DAC_3P3_SYNC
9.2
11
mA
POWER DISSIPATION
Amplifier, Standalone
2.33
2.43
W
DAC, Standalone, 3 GSPS
2× NRZ Mode, 6×, FIR85 Enabled, NCO On
Using 80%, 3× filter, eight-lane JESD204B
2.0
2.21
W
NRZ Mode, 24×, FIR85 Disabled, NCO On
Using 80%, 2× filter, one-lane JESD204B
1.2
1.31
W
DAC, Standalone, 5 GSPS
NRZ Mode, 8×, FIR85 Disabled, NCO On
Using 80%, 2× filter, eight-lane JESD204B
2.08
2.30
W
NRZ Mode, 16×, FIR85 Disabled, NCO On
Using 80%, 2× filter, eight-lane JESD204B
1.99
2.18
W
DAC, Standalone, 10 GSPS
2× NRZ Mode, 6×, FIR85 Enabled, NCO On
Using 80%, 3× filter, eight-lane JESD204B
2.55
2.85
W
Total, Amplifier and DAC, 10 GSPS
Using 80%, 3× filter, eight-lane JESD204B
4.88
W
1 VDD_IO can range from 1.8 V to 3.3 V, with ±5% tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com