Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9166 Datasheet HTML 10Page - Analog Devices AD9166 Datasheet HTML 11Page - Analog Devices AD9166 Datasheet HTML 12Page - Analog Devices AD9166 Datasheet HTML 13Page - Analog Devices AD9166 Datasheet HTML 14Page - Analog Devices AD9166 Datasheet HTML 15Page - Analog Devices AD9166 Datasheet HTML 16Page - Analog Devices AD9166 Datasheet HTML 17Page - Analog Devices AD9166 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 14 of 138
ABSOLUTE MAXIMUM RATINGS
Table 11.
Parameter
Rating
Supply Pins
DAC_1P2_AN, DAC_1P2_CLK,
DAC_1P2_DIG, DAC_1P2_SER
to GND
−0.3 V to +1.326 V
DAC_2P5_AN to GND
−0.3 V to +2.625 V
DAC_N1P2_AN to GND
−1.26 V to +0.3 V
VDD_IO, DAC_3P3_SYNC,
AMP_3P3_OUT, AMP_3P3 to
GND
−0.3 V to +3.465 V
AMP_5V_IN to GND
−0.3 V to +5.25 V
AMP_N5 to GND
−5.25 V to +0.3 V
Input/Output Pins
RESET, IRQ, CS_AMP, CS_DAC ,
SCLK, SDIO, SDO to GND
−0.3 V to VDD_IO + 0.3 V
SYNCOUT±
−0.3 V to DAC_3P3_SYNC + 0.3 V
SERDINx±
−0.3 V to DAC_1P2_SER + 0.3 V
SYSREF±
− 0.5 V to +2.5 V
CLK± to GND
−0.3 V to DAC_1P2_CLK + 0.3 V
ISET, VREF to DAC_VBGNEG
−0.3 V to DAC_2P5_AN + 0.3 V
Junction Temperature1
DAC Core (TJ_DAC)
fCLK > 5.1 GHz
105°C
fCLK ≤ 5.1 GHz
110°C
Amplifier (TJ_AMP)
105°C
Peak Reflow
260°C
Storage Temperature Range
−65°C to +150°C
1 Some operating modes of the device may cause the device to approach or
exceed the maximum junction temperature during operation at supported
ambient temperatures. Removal of heat from the device may require
additional measures such as active airflow, heat sinks, or other measures.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
REFLOW PROFILE
The AD9166 reflow profile is in accordance with the JEDEC
JESD204B criteria for Pb-free devices. The maximum reflow
temperature is 260°C.
THERMAL MANAGEMENT
The AD9166 is a high-power device that can dissipate as much as
4.88 W depending on the user application and configuration.
Due to the high power density of the AD9166, thermal
management is required to avoid exceeding the maximum
junction temperatures specified in Table 11, especially at
elevated ambient temperatures in still air.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 12. Thermal Resistance
Package Type
θJA
θJC
Unit
BP-324-11
25.1
8.7
°C/W
1 Thermal resistance values specified are simulated based on JEDEC
specifications in compliance with JESD51-12.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com