Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 83 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9166 Datasheet HTML 79Page - Analog Devices AD9166 Datasheet HTML 80Page - Analog Devices AD9166 Datasheet HTML 81Page - Analog Devices AD9166 Datasheet HTML 82Page - Analog Devices AD9166 Datasheet HTML 83Page - Analog Devices AD9166 Datasheet HTML 84Page - Analog Devices AD9166 Datasheet HTML 85Page - Analog Devices AD9166 Datasheet HTML 86Page - Analog Devices AD9166 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 83 of 138
Hex.
Addr.
Register Name
Bit
No.
Bit Name
Settings
Description
Reset
Access
0x07F
CLK_PHASE_TUNE
[7:6] Reserved
Reserved.
0x0
R
[5:0] CLK_PHASE_TUNE
Fine tuning of the clock input
phase balance. Adds
capacitance to the CLK+ or
the CLK− input to phase shift
the differential input at CLK±.
The register is coded as signed
binary. Added nominal
capacitance =
CLK_PHASE_TUNE × 20 fF
0x0
R/W
Added Nominal Capacitance
At CLK+
At CLK−
0x0 0
0
0x1 20
0
0x2 40
0
… …
…
0x1F 620
0
0x20 0
0
0x21 0
20
0x22 0
40
… …
…
0x3F 0
620
0x080
CLK_PD
[7:1] Reserved
Reserved.
0x0
R
0
DACCLK_PD
Device clock power-down.
Powers down the device input
clock circuitry.
0x1
R/W
0Power up.
1Power down.
0x082
CLK_DUTY
7
CLK_DUTY_EN
Enable duty cycle control.
0x1
R/W
6
CLK_DUTY_OFFSET_EN
Enable duty cycle offset.
0x0
R/W
5
CLK_DUTY_BOOST_EN
Enable duty cycle range boost.
Extends range to ±5% at cost
of 1 dB to 2 dB worse phase
noise.
0x0
R/W
[4:0] CLK_DUTY_PRG
Program the duty cycle offset.
5-bit signed magnitude field,
with the MSB as the sign bit
and the four LSBs as the
magnitude from 0 to 15. A
larger magnitude skews duty
cycle to a greater amount.
Range is ±3%.
0x0
R/W
0x083
CLK_CRS_CTRL
7
CLK_CRS_EN
Enable clock cross control
adjustment.
0x1
R/W
[6:4] Reserved
Reserved.
0x0
R
[3:0] CLK_CRS_ADJ
Program the clock crossing
point.
0x0
R/W
0x084
PLL_REF_CLK_PD
[7:6] Reserved
Reserved.
0x0
R
[5:4] PLL_REF_CLK_RATE
PLL reference clock rate
multiplier.
0x0
R/W
00 Normal rate (1×) PLL reference
clock.
01 Double rate (2×) PLL reference
clock.
10 Quadruple rate (4×) PLL
reference clock.
11 Disable the PLL reference
clock.
[3:1] Reserved
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com