Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 100 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 100 Page - Analog Devices

Back Button AD9166 Datasheet HTML 96Page - Analog Devices AD9166 Datasheet HTML 97Page - Analog Devices AD9166 Datasheet HTML 98Page - Analog Devices AD9166 Datasheet HTML 99Page - Analog Devices AD9166 Datasheet HTML 100Page - Analog Devices AD9166 Datasheet HTML 101Page - Analog Devices AD9166 Datasheet HTML 102Page - Analog Devices AD9166 Datasheet HTML 103Page - Analog Devices AD9166 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 100 of 138
Hex.
Addr.
Register Name
Bit
No.
Bit Name
Settings
Description
Reset
Access
0x315
PHY_PRBS_TEST_EN
[7:0] PHY_TEST_EN
Enable PHY BER by ungating
the clocks.
0x0
R/W
1 PHY test enable.
0 PHY test disable.
0x316
PHY_PRBS_TEST_CTRL
7
Reserved
Reserved.
0x0
R
[6:4] PHY_SRC_ERR_CNT
0x0
R/W
000 Report Lane 0 error count.
001 Report Lane 1 error count.
010 Report Lane 2 error count.
011 Report Lane 3 error count.
100 Report Lane 4 error count.
101 Report Lane 5 error count.
110 Report Lane 6 error count.
111 Report Lane 7 error count.
[3:2] PHY_PRBS_PAT_SEL
Select PRBS pattern for PHY
BER test.
0x0
R/W
00 PRBS7.
01 PRBS15.
10 PRBS31.
11 Not used.
1
PHY_TEST_START
Start and stop the PHY PRBS
test.
0x0
R/W
0 Test not started.
1 Test started.
0
PHY_TEST_RESET
Reset PHY PRBS test state
machine and error counters.
0x0
R/W
0 Not reset.
1 Reset.
0x317
PHY_PRBS_TEST_
THRESHOLD_LOBITS
[7:0] PHY_PRBS_THRESHOLD_LOBITS
Bits[7:0] of the 24-bit
threshold value set the error
flag for PHY PRBS test.
0x0
R/W
0x318
PHY_PRBS_TEST_
THRESHOLD_MIDBITS
[7:0] PHY_PRBS_THRESHOLD_MIDBITS
Bits[15:8] of the 24-bit
threshold value set the error
flag for PHY PRBS test.
0x0
R/W
0x319
PHY_PRBS_TEST_
THRESHOLD_HIBITS
[7:0] PHY_PRBS_THRESHOLD_HIBITS
Bits[23:16] of the 24-bit
threshold value set the error
flag for PHY PRBS test.
0x0
R/W
0x31A
PHY_PRBS_TEST_ERRCNT_
LOBITS
[7:0] PHY_PRBS_ERR_CNT_LOBITS
Bits[7:0] of the 24-bit reported
PHY BER test error count from
selected lane.
0x0
R
0x31B
PHY_PRBS_TEST_ERRCNT_
MIDBITS
[7:0] PHY_PRBS_ERR_CNT_MIDBITS
Bits[15:8] of the 24-bit
reported PHY BER test error
count from selected lane.
0x0
R
0x31C
PHY_PRBS_TEST_ERRCNT_
HIBITS
[7:0] PHY_PRBS_ERR_CNT_HIBITS
Bits[23:16] of the 24-bit
reported PHY BER test error
count from selected lane.
0x0
R
0x31D
PHY_PRBS_TEST_STATUS
[7:0] PHY_PRBS_PASS
Each bit is for the
corresponding lane. Report
PHY BER test pass/fail for each
lane.
0xFF
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com