Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 102 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 102 Page - Analog Devices

Back Button AD9166 Datasheet HTML 98Page - Analog Devices AD9166 Datasheet HTML 99Page - Analog Devices AD9166 Datasheet HTML 100Page - Analog Devices AD9166 Datasheet HTML 101Page - Analog Devices AD9166 Datasheet HTML 102Page - Analog Devices AD9166 Datasheet HTML 103Page - Analog Devices AD9166 Datasheet HTML 104Page - Analog Devices AD9166 Datasheet HTML 105Page - Analog Devices AD9166 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 102 of 138
Hex.
Addr.
Register Name
Bit
No.
Bit Name
Settings
Description
Reset
Access
0x32C
SHORT_TPL_TEST_0
[7:4] SHORT_TPL_SP_SEL
Short transport layer sample
selection. Select which sample
to check from a specific DAC.
0x0
R/W
0000 Sample 0.
0001 Sample 1.
0010 Sample 2.
0011 Sample 3.
0100 Sample 4.
0101 Sample 5.
0110 Sample 6.
0111 Sample 7.
1000 Sample 8.
1001 Sample 9.
1010 Sample 10.
1011 Sample 11.
1100 Sample 12.
1101 Sample 13.
1110 Sample 14.
1111 Sample 15.
[3:2] SHORT_TPL_M_SEL
Short transport layer test DAC
selection. Select which DAC to
check.
0x0
R/W
00 DAC 0.
01 DAC 1.
10 DAC 2.
11 DAC 3.
1
SHORT_TPL_TEST_RESET
Short transport layer test
reset. Resets the result of short
transport layer test.
0x0
R/W
0 Not reset.
1 Reset.
0
SHORT_TPL_TEST_EN
Short transport layer test
enable. Enable short transport
layer test.
0x0
R/W
0 Disable.
1Enable.
0x32D
SHORT_TPL_TEST_1
[7:0] SHORT_TPL_REF_SP_LSB
Short transport layer reference
sample LSB. This LSB is the
lower eight bits of expected
DAC sample, and is used to
compare with the received
DAC sample at the output of
JESD204B Rx.
0x0
R/W
0x32E
SHORT_TPL_TEST_2
[7:0] SHORT_TPL_REF_SP_MSB
Short transport layer test
reference sample MSB. This
LSB is the upper eight bits of
expected DAC sample, and is
used to compare with the
received sample at JESD204B
Rx output.
0x0
R/W
0x32F
SHORT_TPL_TEST_3
[7:1] Reserved
Reserved.
0x0
R
0
SHORT_TPL_FAIL
Short transport layer test fail.
This bit shows if the selected
DAC sample matches the
reference sample. If they
match, the test passes.
Otherwise, the test fails.
0x0
R
0 Test pass.
1 Test fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com