Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 95 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD9166 Datasheet HTML 91Page - Analog Devices AD9166 Datasheet HTML 92Page - Analog Devices AD9166 Datasheet HTML 93Page - Analog Devices AD9166 Datasheet HTML 94Page - Analog Devices AD9166 Datasheet HTML 95Page - Analog Devices AD9166 Datasheet HTML 96Page - Analog Devices AD9166 Datasheet HTML 97Page - Analog Devices AD9166 Datasheet HTML 98Page - Analog Devices AD9166 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 95 of 138
Hex.
Addr.
Register Name
Bit
No.
Bit Name
Settings
Description
Reset
Access
0x2AF
TERM_BLK2_CTRLREG1
[7:0] SPI_I_SERIALIZER_RTRIM_
TERMBLK2
SPI override for termination
value for PHY 2, PHY 3, PHY 4,
and PHY 5. Value options are
as follows:
0x0
R/W
XXX0XXXX Automatically calibrate
termination value.
XXX1000X Force 000 as termination value.
XXX1001X Force 001 as termination value.
XXX1010X Force 010 as termination value.
XXX1011X Force 011 as termination value.
XXX1100X Force 100 as termination value.
XXX1101X Force 101 as termination value.
XXX1110X Force 110 as termination value.
XXX1111X Force 111 as termination value.
XXX1000X Force 000 as termination value.
0x2B3
TERM_BLK2_RD_REG0
[7:4] Reserved
Reserved.
0x0
R
[3:0] SPI_O_RCAL_CODE_TERMBLK2
Readback of calibration code
for PHY 2, PHY 3, PHY 4, and
PHY 5.
0x0
R
0x2BB
TERM_OFFSET_0
[7:4] Reserved
Reserved.
0x0
R
[3:0] TERM_OFFSET_0
Add or subtract from the
termination calibration value
of Physical Lane 0. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2BC
TERM_OFFSET_1
[7:4] Reserved
Reserved.
0x0
R
[3:0] TERM_OFFSET_1
Add or subtract from the
termination calibration value
of Physical Lane 1. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2BD
TERM_OFFSET_2
[7:4] Reserved
Reserved.
0x0
R
[3:0] TERM_OFFSET_2
Add or subtract from the
termination calibration value
of Physical Lane 2. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2BE
TERM_OFFSET_3
[7:4] Reserved
Reserved.
0x0
R
[3:0] TERM_OFFSET_3
Add or subtract from the
termination calibration value
of Physical Lane 3. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com