Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9166 Datasheet HTML 8Page - Analog Devices AD9166 Datasheet HTML 9Page - Analog Devices AD9166 Datasheet HTML 10Page - Analog Devices AD9166 Datasheet HTML 11Page - Analog Devices AD9166 Datasheet HTML 12Page - Analog Devices AD9166 Datasheet HTML 13Page - Analog Devices AD9166 Datasheet HTML 14Page - Analog Devices AD9166 Datasheet HTML 15Page - Analog Devices AD9166 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 12 of 138
TIMING SPECIFICATIONS
Serial Port
DAC_2P5_AN = 2.5 V, DAC_1P2_AN = DAC_1P2_CLK = 1.2 V, DAC_N1P2_AN = −1.2 V, DAC_1P2_DIG = 1.2 V, VDD_IO = 2.5 V,
DAC_1P2_SER = 1.2 V, DAC_3P3_SYNC =3.3 V, AMP_5V_IN = 5.0 V, AMP_3P3_OUT = 3.3 V, AMP_3P3 = 3.3V, AMP_N5 = −5.0 V,
IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted. CS_x refers to CS_AMP and CS_DAC.
Table 9.
Parameter
Symbol
Test Comments/Conditions
Min
Typ
Max
Unit
WRITE OPERATION
See Figure 47
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
100
MHz
SCLK Clock High
tPWH
SCLK = 20 MHz
2.1
ns
SCLK Clock Low
tPWL
SCLK = 20 MHz
4.3
ns
SDIO to SCLK Setup Time
tDS
2.6
2
ns
SCLK to SDIO Hold Time
tDH
3.5
1.5
ns
CS_x to SCLK Setup Time
tS
9
2.53
ns
SCLK to CS_x Hold Time
tH
9
6.7
ns
READ OPERATION
See Figure 46
SCLK Clock Rate
fSCLK, 1/tSCLK
20
MHz
SCLK Clock High
tPWH
Not shown in Figure 46
20
ns
SCLK Clock Low
tPWL
Not shown in Figure 46
20
ns
SDIO to SCLK Setup Time
tDS
Not shown in Figure 46
10
ns
SCLK to SDIO Hold Time
tDH
Not shown in Figure 46
5
ns
CS_x to SCLK Setup Time
tS
Not shown in Figure 46
10
ns
SCLK to SDIO (or SDO) Data Valid Time
tDV
12
ns
CS_x to SDIO (or SDO) Output Valid to High-Z
Not shown in Figure 46
21
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com