Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 1 Page - Analog Devices

  AD9166 Datasheet HTML 1Page - Analog Devices AD9166 Datasheet HTML 2Page - Analog Devices AD9166 Datasheet HTML 3Page - Analog Devices AD9166 Datasheet HTML 4Page - Analog Devices AD9166 Datasheet HTML 5Page - Analog Devices AD9166 Datasheet HTML 6Page - Analog Devices AD9166 Datasheet HTML 7Page - Analog Devices AD9166 Datasheet HTML 8Page - Analog Devices AD9166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 138 page
background image
DC to 9 GHz Vector Signal Generator
Data Sheet
AD9166
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
DC-coupled, 50 Ω matched output
Up to 4.3 dBm output power, −9.5 dBm at 9 GHz
DAC core update rate: 12.0 GSPS (guaranteed minimum) in
2× NRZ mode
Wide analog bandwidth
DC to 9.0 GHz in 2× NRZ mode (12.0 GSPS DAC update rate)
1.0 GHz to 8.0 GHz in mix mode (6.0 GSPS DAC update rate)
DC to 4.5 GHz in NRZ mode (6.0 GSPS DAC update rate)
Power dissipation of 4.88 W in 2× NRZ mode (10 GSPS DAC
update rate)
Bypassable datapath interpolation
2×, 3×, 4×, 6×, 8×, 12×, 16×, 24×
Instantaneous (complex) signal bandwidth
2.25 GHz with device clock at 5 GHz (2× interpolation)
1.8 GHz with device clock at 6 GHz (3× interpolation)
Fast frequency hopping
Integrated BiCMOS buffer amplifier
APPLICATIONS
Instrumentation: automated test equipment, electronic test
and measurement, arbitrary waveform generators
Electronic warfare: radars, jammers
Broadband communications systems
Local oscillator drivers
GENERAL DESCRIPTION
The AD91661 is a high performance, wideband, on-chip vector
signal generator composed of a high speed JESD204B serializer/
deserializer (SERDES) interface, a flexible 16-bit digital datapath, a
inphase/quadrature (I/Q) digital-to-analog converter (DAC)
core, and an integrated differential to single-ended output
buffer amplifier, matched to a 50 Ω load up to 10 GHz.
The DAC core is based on a quad-switch architecture, which is
configurable to increase the effective DAC core update rate of
up to 12.8 GSPS from a 6.4 GHz DAC sampling clock, with an
analog output bandwidth of true dc to 9.0 GHz, typically. The
digital datapath includes multiple interpolation filter stages, a
direct digital synthesizer (DDS) block with multiple
numerically controlled oscillators (NCOs) supporting fast
frequency hopping (FFH), and additional FIR85 and inverse
sinc filter stages to allow flexible spectrum planning.
The differential to single-ended buffer eliminates the need for a
wideband balun, and supports the full analog output bandwidth
of the DAC core. DC coupling the output allows baseband wave-
form generation without the need for external bias tees or similar
circuitry, which makes the AD9166 uniquely suited for the most
demanding high speed ultrawideband RF transmit applications.
The various filter stages enable the AD9166 to be configured for
lower data rates, while maintaining higher DAC clock rates to
ease the filtering requirements and reduce the overall system size,
weight, and power.
The data interface receiver consists of up to eight JESD204B
SERDES lanes, each capable of carrying up to 12.5 Gbps. To
enable maximum flexibility, the receiver is fully configurable
according to the data rate, number of SERDES lanes, and lane
mapping required by the JESD204B transmitter.
In 2× nonreturn-to-zero (NRZ) mode of operation (with FIR85
enabled), the AD9166 can reconstruct RF carriers from true dc
to the edge of the third Nyquist zone, or an analog bandwidth of
true dc up to 9 GHz.
In mix mode, the AD9166 can reconstruct RF carriers in the
second and third Nyquist zones while consuming lower power
and maintaining a performance comparable to 2× NRZ mode.
In baseband modes, such as return-to-zero (RZ) and 1× NRZ,
the AD9166 is ideal to reconstruct RF carriers from true dc to
the edge of the first Nyquist zone while consuming lower power
compared to 2× NRZ mode.
The quadrature DDS block can be configured as a digital
upconverter to upconvert I/Q data samples to the desired
location across the spectrum, in all three Nyquist zones.
The DDS also consists of a bank of 32 numerically controlled
oscillators (NCOs), each with its own 32-bit phase accumulator.
When combined with a 100 MHz serial peripheral interface (SPI),
the DDS allows a phase coherent FFH, with a phase settling
time as low as 300 ns.
The AD9166 is configured using a common SPI interface that
monitors the status of all registers. The AD9166 is offered in a
324-ball, 15 mm × 15 mm, 0.8 mm pitch BGA_ED package.
PRODUCT HIGHLIGHTS
1.
High dynamic range and signal reconstruction bandwidth
supports RF signal synthesis of up to 9 GHz.
2.
Fully supports zero IF and other dc-coupled applications.
3.
Up to an eight-lane JESD204B SERDES interface, with
various features to allow flexibility when interfacing to a
JESD204B transmitter.
1 Protected by U.S. Patents 6,842,132 and 7,796,971.


Similar Part No. - AD9166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9161 AD-AD9161 Datasheet
2Mb / 144P
11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161-FMCC-EBZ AD-AD9161-FMCC-EBZ Datasheet
2Mb / 144P
11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161BBCZ AD-AD9161BBCZ Datasheet
2Mb / 144P
11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161BBCZRL AD-AD9161BBCZRL Datasheet
2Mb / 144P
11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9162 AD-AD9162 Datasheet
2Mb / 144P
11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
More results

Similar Description - AD9166

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
556Kb / 20P
1.5 GHz to 2.4 GHz RF Vector Modulator
7/04-Revision 0
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
logo
Agilent(Hewlett-Packard...
E8267D HP-E8267D Datasheet
753Kb / 32P
Vector Signal Generator
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
Vector Signal Analyzer
PXIE-5672 NI-PXIE-5672 Datasheet
824Kb / 4P
2.7 GHz RF Vector Signal Generator
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
Vector Signal Generator
logo
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
PXIe Vector Signal Generator
E8267D KEYSIGHT-E8267D Datasheet
4Mb / 37P
Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com