Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 4 Page - Analog Devices

  AD9166 Datasheet HTML 1Page - Analog Devices AD9166 Datasheet HTML 2Page - Analog Devices AD9166 Datasheet HTML 3Page - Analog Devices AD9166 Datasheet HTML 4Page - Analog Devices AD9166 Datasheet HTML 5Page - Analog Devices AD9166 Datasheet HTML 6Page - Analog Devices AD9166 Datasheet HTML 7Page - Analog Devices AD9166 Datasheet HTML 8Page - Analog Devices AD9166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 4 of 138
SPECIFICATIONS
DC SPECIFICATIONS
DAC_2P5_AN = 2.5 V, DAC_1P2_AN = DAC_1P2_CLK = 1.2 V, DAC_N1P2_AN = −1.2 V, DAC_1P2_DIG = 1.2 V, VDD_IO = 2.5 V,
DAC_1P2_SER = 1.2 V, DAC_3P3_SYNC = 3.3 V, AMP_5V_IN = 5.0 V, AMP_3P3_OUT = 3.3 V, AMP_3P3 = 3.3 V, AMP_N5 = −5.0 V,
DAC output full-scale current (IOUTFS) = 40 mA, and TA = −40°C to +85°C, unless otherwise noted. 50 Ω matched output.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
DAC ANALOG OUTPUT
Power-Up Delay
From DAC output off to enabled
10
ns
Gain Error (with Internal Reference)
−1.7
%
Full-Scale Output Current (
IOUTFS)
Minimum
DAC reference current setting resistor (RSET) = 9.76 kΩ
7.37
8
8.57
mA
Maximum
RSET = 9.76 kΩ
35.8
38.76
41.3
mA
AMPLIFIER ANALOG OUTPUT
Maximum Full-Scale Power
Measured with full-scale output current set to its typical
maximum
DC
4.3
dBm
9 GHz
FIR85 enabled (2× NRZ)
−9.5
dBm
DEVICE CLOCK INPUT (CLK+, CLK−)
Differential Input Power
Load resistance (RLOAD) = 90 Ω differential on chip
−20
0
+10
dBm
Common-Mode Voltage
AC-coupled
0.6
V
Input Impedance1
3 GSPS input clock
90
Ω
Maximum Input Frequency (fCLK)
See
Table 3 for more details
6400
MHz
TEMPERATURE SENSOR
Amplifier Sensor Accuracy2
±5
°C
DAC Sensor Accuracy3
±5
°C
ANALOG SUPPLY VOLTAGES
DAC_2P5_AN
2.375
2.5
2.625
V
DAC_1P2_AN4
1.14
1.2
1.326
V
DAC_1P2_CLK4
1.14
1.2
1.326
V
DAC_N1P2_AN
−1.26
−1.2
−1.14
V
AMP_5V_IN
4.75
5
5.25
V
AMP_3P3_OUT
3.135
3.3
3.465
V
AMP_N5
−5.25
−5
−4.75
V
AMP_3P3
3.135
3.3
3.465
V
DIGITAL SUPPLY VOLTAGES
DAC_1P2_DIG
1.14
1.2
1.326
V
VDD_IO5
1.71
2.5
3.465
V
SERDES SUPPLY VOLTAGES
DAC_1P2_SER
1.14
1.2
1.326
V
DAC_3P3_SYNC
3.135
3.3
3.465
V
1 See the Clock Input section for more details.
2 The temperature sensor of the amplifier is a more accurate representation of TJ, but requires one-point calibration.
3 Do not use the DAC temperature sensor reading to monitor TJ. Use as a reference only.
4 For the lowest noise performance, use a separate power supply filter network for the DAC_1P2_CLK and the DAC_1P2_AN pins.
5 VDD_IO can range from 1.8 V to 3.3 V, with ±5% tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com