Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 84 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 84 Page - Analog Devices

Back Button AD9166 Datasheet HTML 80Page - Analog Devices AD9166 Datasheet HTML 81Page - Analog Devices AD9166 Datasheet HTML 82Page - Analog Devices AD9166 Datasheet HTML 83Page - Analog Devices AD9166 Datasheet HTML 84Page - Analog Devices AD9166 Datasheet HTML 85Page - Analog Devices AD9166 Datasheet HTML 86Page - Analog Devices AD9166 Datasheet HTML 87Page - Analog Devices AD9166 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 84 of 138
Hex.
Addr.
Register Name
Bit
No.
Bit Name
Settings
Description
Reset
Access
0
PLL_REF_CLK_PD
PLL reference clock power-
down.
0x0
R/W
0 Enable the PLL reference
clock.
1 Power down the PLL reference
clock.
0x088
SYSREF_CTRL0
[7:4] Reserved
Reserved.
0x0
R
3
HYS_ON
SYSREF± hysteresis enable.
This bit enables the
programmable hysteresis
control for the SYSREF±
receiver.
0x0
R/W
2
SYSREF_RISE
Use SYSREF± rising edge.
0x0
R/W
[1:0] HYS_CNTRL[9:8]
Controls the amount of
hysteresis in the SYSREF±
receiver. Each of the 10 bits
adds 10 mV of differential
hysteresis to the receiver
input.
0x0
R/W
0x089
SYSREF_CTRL1
[7:0] HYS_CNTRL[7:0]
Controls the amount of
hysteresis in the SYSREF±
receiver. Each of the 10 bits
adds 10 mV of differential
hysteresis to the receiver
input.
0x0
R/W
0x090
DLL_PD
[7:5] Reserved
Reserved.
0x0
R
4
DLL_FINE_DC_EN
Fine delay line duty cycle
correction enable.
0x1
R/W
3
DLL_FINE_XC_EN
Fine delay line cross control
enable.
0x1
R/W
2
DLL_COARSE_DC_EN
Coarse delay line duty cycle
correction enable.
0x1
R/W
1
DLL_COARSE_XC_EN
Coarse delay line cross control
enable.
0x1
R/W
0
DLL_CLK_PD
Powers down DLL and digital
clock generator.
0x1
R/W
0 Power up DLL controller.
1 Power down DLL controller.
0x091
DLL_CTRL
7
DLL_TRACK_ERR
Track error behavior.
0x1
R/W
0 Continue on error.
1 Restart on error.
6
DLL_SEARCH_ERR
Search error behavior.
0x1
R/W
0 Stop on error.
1 Retry on error.
5
DLL_SLOPE
Desired slope.
0x1
R/W
0 Negative slope.
1 Positive slope.
[4:3] DLL_SEARCH
Search direction.
0x2
R/W
00 Search down from initial point
only.
01 Search up from initial point
only.
10 Search up and down from
initial point.
[2:1] DLL_MODE
Controller mode.
0x0
R/W
00 Search then track.
01 Track only.
10 Search only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com