Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9166 Datasheet HTML 18Page - Analog Devices AD9166 Datasheet HTML 19Page - Analog Devices AD9166 Datasheet HTML 20Page - Analog Devices AD9166 Datasheet HTML 21Page - Analog Devices AD9166 Datasheet HTML 22Page - Analog Devices AD9166 Datasheet HTML 23Page - Analog Devices AD9166 Datasheet HTML 24Page - Analog Devices AD9166 Datasheet HTML 25Page - Analog Devices AD9166 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 22 of 138
–135
–140
–145
–150
–155
–160
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
DIGITAL SCALE = –6
DIGITAL SCALE = 0
Figure 28. Single-Tone NSD vs. fOUT over Digital Scale, IOUTFS = 40 mA,
NSD Measured at 10% Offset from fOUT
–135
–140
–145
–150
–155
–160
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
TJ = –5°C
TJ = +60°C
TJ = +105°C
Figure 29. Single-Tone NSD vs. fOUT over Temperature, IOUTFS = 40 mA,
NSD Measured at 10% Offset from fOUT
–60
–80
–100
–120
–140
–160
–180
10
100
10k
100k
1M
10M
100M
1k
1G
FREQUENCY OFFSET (Hz)
3600MHz
1800MHz
900MHz
7200MHz
4500MHz
CLOCK SOURCE
CLOCK SOURCE:
R&S SMA100B
ULTRALOW PHASE NOISE OPTION
Figure 30. Single Sideband Phase Noise vs. Frequency Offset over fOUT,
fDAC = 12,042.24 MSPS
–60
–80
–100
–120
–140
–160
–180
10
100
10k
100k
1M
10M
100M
1k
1G
FREQUENCY OFFSET (Hz)
0dBm
+6dBm
+10dBm
–12dBm
–6dBm
CLOCK SOURCE:
R&S SMA100B
ULTRALOW PHASE NOISE OPTION
Figure 31. Single Sideband Phase Noise vs. Frequency Offset over Clock
Power, fDAC = 12,042.24 MSPS, fOUT = 3.6 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com