Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9166 Datasheet HTML 48Page - Analog Devices AD9166 Datasheet HTML 49Page - Analog Devices AD9166 Datasheet HTML 50Page - Analog Devices AD9166 Datasheet HTML 51Page - Analog Devices AD9166 Datasheet HTML 52Page - Analog Devices AD9166 Datasheet HTML 53Page - Analog Devices AD9166 Datasheet HTML 54Page - Analog Devices AD9166 Datasheet HTML 55Page - Analog Devices AD9166 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 52 of 138
NORMALIZED FREQUENCY (Rad/Sample)
–140
–120
–100
–80
–60
–40
–20
0
20
Figure 74. Fourth 2× Half-Band 11.25% Filter Response
NORMALIZED FREQUENCY (Rad/Sample)
–140
–120
–100
–80
–60
–40
–20
0
20
Figure 75. FIR85 2× Half-Band 45% Filter Response
DIGITAL MODULATION
The AD9166 has digital modulation features to modulate the
baseband quadrature signal to the desired DAC output
frequency.
The AD9166 is equipped with several NCO modes. The default
NCO is a 48-bit, integer NCO. The A/B ratio of the dual-modulus
NCO allows the output frequency to be synthesized with very
fine precision. NCO mode is selected, as shown in Table 35.
Table 35. Modulation Mode Selection
Modulation Mode
Modulation Type
Register 0x111,
Bit 6
Register 0x111,
Bit 2
None
0b0
0b0
48-Bit Integer NCO
0b1
0b0
48-Bit Dual-Modulus NCO
0b1
0b1
32-Bit FFH NCO1
0b1
0b1
1 The FFH NCOs are enabled by writing a nonzero word to their frequency
tuning word registers when the main 48-bit NCO is enabled (see the Fast
Frequency Hopping (FFH) section). The modulus can be enabled or disabled.
If the modulus is enabled, the same modulus ratio applies to all the NCOs.
48-Bit Dual Modulus NCO
This modulation mode uses an NCO, a phase shifter, and a
complex modulator to modulate the signal by a programmable
carrier signal as shown in Figure 76. This configuration allows
output signals to be placed anywhere in the output spectrum
with very fine frequency resolution.
The NCO produces a quadrature carrier to translate the input
signal to a new center frequency. A quadrature carrier is a pair of
sinusoidal waveforms of the same frequency, offset 90° from
each other. The frequency of the quadrature carrier is set via an
FTW. The quadrature carrier is mixed with the I and Q data and
then summed into the I and Q datapaths, as shown in Figure 76.
Integer NCO Mode
The main 48-bit NCO can be used as an integer NCO by using
the following formula to create the FTW:
−fCLK/2 ≤ fCARRIER < + fCLK /2
FTW = (fCARRIER/fCLK) × 248
where:
fCARRIER is the carrier frequency.
FTW is a 48-bit, twos complement number.
When in 2× NRZ mode (FIR85 enabled with Register 0x111,
Bit 0 = 1), the frequency tuning word is calculated as
0 ≤ fCARRIER < fCLK
FTW = (fCARRIER/fCLK) × 248
where FTW is a 48-bit binary number.
This method to calculate the FTW for 2× NRZ mode allows the
tone to correctly move from 0 Hz toward fCLK when the FTW is
incremented. Use this method only for 2× NRZ mode. If the
desired tone is placed between fCLK/2 and fCLK and the FIR85
enable bit is set to 0b0 without adjusting the FTW, the tone may
appear to change location to a new frequency.
The FTW is set as shown in Table 36.
Table 36. NCO FTW Registers
Address
Value
Description
0x114
FTW[7:0]
8 LSBs of FTW
0x115
FTW[15:8]
Next 8 bits of FTW
0x116
FTW[23:16]
Next 8 bits of FTW
0x117
FTW[31:24]
Next 8 bits of FTW
0x118
FTW[39:32]
Next 8 bits of FTW
0x119
FTW[47:40]
8 MSBs of FTW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com