Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9166 Datasheet HTML 19Page - Analog Devices AD9166 Datasheet HTML 20Page - Analog Devices AD9166 Datasheet HTML 21Page - Analog Devices AD9166 Datasheet HTML 22Page - Analog Devices AD9166 Datasheet HTML 23Page - Analog Devices AD9166 Datasheet HTML 24Page - Analog Devices AD9166 Datasheet HTML 25Page - Analog Devices AD9166 Datasheet HTML 26Page - Analog Devices AD9166 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 23 of 138
LTE PERFORMANCE (2× NRZ (FIR85) MODE)
IOUTFS = 20 mA, fCLK = 6021.12 MHz, FIR85 enabled (fDAC = 2× fCLK), nominal supplies, TA = 25°C, unless otherwise noted. When data is
transmitted across a JESD204B link: if fCLK ≤ 5.0 GHz, then interpolation = 2×; if fCLK > 5.0 GHz, then interpolation = 4×.
Figure 32. 20 MHz LTE Carrier ACLR at 889.0 MHz
Figure 33. 20 MHz LTE Carrier ACLR at 1875.0 MHz
Figure 34. 20 MHz LTE Carrier ACLR at 2165.0 MHz
Figure 35. 20 MHz LTE Carrier ACLR at 2685.0 MHz
Figure 36. 20 MHz LTE Carrier ACLR at 3695.0 MHz
–64
–70
–66
–74
–72
–76
–68
500
4000
3000
3500
2500
2000
1500
1000
fOUT (MHz)
SECOND ACLR
FIRST ACLR
THIRD ACLR
FOURTH ACLR
FIFTH ACLR
Figure 37. Worst Case 20 MHz LTE Carrier ACLR vs. fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com