Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9166 Datasheet HTML 56Page - Analog Devices AD9166 Datasheet HTML 57Page - Analog Devices AD9166 Datasheet HTML 58Page - Analog Devices AD9166 Datasheet HTML 59Page - Analog Devices AD9166 Datasheet HTML 60Page - Analog Devices AD9166 Datasheet HTML 61Page - Analog Devices AD9166 Datasheet HTML 62Page - Analog Devices AD9166 Datasheet HTML 63Page - Analog Devices AD9166 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 60 of 138
Topology
Structure the differential SERDINx± pairs to achieve 50 Ω to
ground for each half of the pair. Stripline vs. microstrip trade-
offs are described in the Insertion Loss section. In either case, it
is important to keep these transmission lines separated from
potential noise sources, such as high speed digital signals and
noisy supplies.
If using stripline differential traces, route them using a coplanar
method, with both traces on the same layer. Although this
method does not offer more noise immunity than the broadside
routing method (traces routed on adjacent layers), it is easier to
route and manufacture so that the impedance continuity is
maintained. An illustration of broadside vs. coplanar is shown
in Figure 81.
Tx DIFF A
Tx
DIFF A
Tx
DIFF B
Tx
ACTIVE
Tx DIFF B
Tx ACTIVE
BROADSIDE DIFFERENTIAL Tx LINES
COPLANAR DIFFERENTIAL Tx LINES
Figure 81. Broadside vs. Coplanar Differential Stripline Routing Techniques
When considering the trace width vs. copper weight and
thickness, the speed of the interface must be considered. At
multigigabit speeds, the skin effect of the conducting material
confines the current flow to the surface. To reduce losses,
maximize the surface area of the conductor by making the trace
width wider. Additionally, loosely couple differential traces to
accommodate the wider trace widths. This coupling helps
reduce the crosstalk and minimize the impedance mismatch
when the traces must separate to accommodate components,
vias, connectors, or other routing obstacles. Tightly coupled vs.
loosely coupled differential traces are shown in Figure 82.
Tx
DIFF A
Tx
DIFF A
Tx
DIFF B
Tx
DIFF B
TIGHTLY COUPLED
DIFFERENTIAL Tx LINES
LOOSELY COUPLED
DIFFERENTIAL Tx LINES
Figure 82. Tightly Coupled vs. Loosely Coupled Differential Traces
AC Coupling Capacitors
The AD9166 requires that the JESD204B input signals be
ac-coupled to the source. These capacitors must be 100 nF and
placed as close as possible to the transmitting logic device. To
minimize the impedance mismatch at the pads, select the
package size of the capacitor so that the pad size on the PCB
matches the trace width as closely as possible.
SYNCOUT±, SYSREF±, and CLK± Signals
The SYNCOUT± and SYSREF± signals on the AD9166 are low
speed LVDS differential signals. Use controlled impedance traces
routed with 100 Ω differential impedance and 50 Ω to ground
when routing these signals. As with the SERDIN0± to SERDIN7±
data pairs, it is important to keep these signals separated from
potential noise sources, such as high speed digital signals and
noisy supplies.
Separate the SYNCOUT± signal from other noisy signals, because
noise on the SYNCOUT± may be interpreted as a request for
/K/ characters.
It is important to keep similar trace lengths for the CLK± and
SYSREF± signals from the clock source to each of the devices
on either end of the JESD204B links (see Figure 83). If using a
clock chip that can tightly control the phase of CLK± and
SYSREF±, the trace length matching requirements are greatly
reduced.
CLOCK SOURCE
(AD9516-1, ADCLK925)
LANE 0
LANE 1
LANE N – 1
LANE N
DEVICE CLOCK
DEVICE CLOCK
SYSREF±
SYSREF±
SYSREF± TRACE LENGTH
SYSREF± TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
Tx
DEVICE
Rx
DEVICE
Figure 83. SYSREF± Signal and Device Clock Trace Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com