Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9166 Datasheet HTML 93Page - Analog Devices AD9166 Datasheet HTML 94Page - Analog Devices AD9166 Datasheet HTML 95Page - Analog Devices AD9166 Datasheet HTML 96Page - Analog Devices AD9166 Datasheet HTML 97Page - Analog Devices AD9166 Datasheet HTML 98Page - Analog Devices AD9166 Datasheet HTML 99Page - Analog Devices AD9166 Datasheet HTML 100Page - Analog Devices AD9166 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 97 of 138
Hex.
Addr.
Register Name
Bit
No.
Bit Name
Settings
Description
Reset
Access
0x306
LMFC_VAR_0
[7:5] Reserved
Reserved.
0x0
R
[4:0] LMFC_VAR_0
Variable part of the JESD204B
link delay (in PCLK units).
Location in Rx LMFC where
JESD204B words are read out
from buffer. This setting must
not be more than 10 PCLKs.
0x1F
R/W
0x308
XBAR_LN_0_1
[7:6] Reserved
Reserved.
0x0
R
[5:3] SRC_LANE1
Select data from SERDINx±, for
Logical Lane 1.
0x1
R/W
000 Data is from SERDIN0±.
001 Data is from SERDIN1±.
010 Data is from SERDIN2±.
011 Data is from SERDIN3±.
100 Data is from SERDIN4±.
101 Data is from SERDIN5±.
110 Data is from SERDIN6±.
111 Data is from SERDIN7±.
[2:0] SRC_LANE0
Select data from SERDINx± for
Logical Lane 0.
0x0
R/W
000 Data is from SERDIN0±.
001 Data is from SERDIN1±.
010 Data is from SERDIN2±.
011 Data is from SERDIN3±.
100 Data is from SERDIN4±.
101 Data is from SERDIN5±.
110 Data is from SERDIN6±.
111 Data is from SERDIN7±.
0x309
XBAR_LN_2_3
[7:6] Reserved
Reserved.
0x0
R
[5:3] SRC_LANE3
Select data from SERDINx± for
Logical Lane 3.
0x3
R/W
000 Data is from SERDIN0±.
001 Data is from SERDIN1±.
010 Data is from SERDIN2±.
011 Data is from SERDIN3±.
100 Data is from SERDIN4±.
101 Data is from SERDIN5±.
110 Data is from SERDIN6±.
111 Data is from SERDIN7±.
[2:0] SRC_LANE2
Select data from SERDINx± for
Logical Lane 2.
0x2
R/W
000 Data is from SERDIN0±.
001 Data is from SERDIN1±.
010 Data is from SERDIN2±.
011 Data is from SERDIN3±.
100 Data is from SERDIN4±.
101 Data is from SERDIN5±.
110 Data is from SERDIN6±.
111 Data is from SERDIN7±.
0x30A
XBAR_LN_4_5
[7:6] Reserved
Reserved.
0x0
R
[5:3] SRC_LANE5
Select data from SERDINx± for
Logical Lane 5.
0x5
R/W
000 Data is from SERDIN0±.
001 Data is from SERDIN1±.
010 Data is from SERDIN2±.
011 Data is from SERDIN3±.
100 Data is from SERDIN4±.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com