Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9166 Datasheet HTML 6Page - Analog Devices AD9166 Datasheet HTML 7Page - Analog Devices AD9166 Datasheet HTML 8Page - Analog Devices AD9166 Datasheet HTML 9Page - Analog Devices AD9166 Datasheet HTML 10Page - Analog Devices AD9166 Datasheet HTML 11Page - Analog Devices AD9166 Datasheet HTML 12Page - Analog Devices AD9166 Datasheet HTML 13Page - Analog Devices AD9166 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 10 of 138
AC SPECIFICATIONS
DAC_2P5_AN = 2.5 V, DAC_1P2_AN = DAC_1P2_CLK = 1.2 V, DAC_N1P2_AN = −1.2 V, DAC_1P2_DIG = 1.2 V, VDD_IO = 2.5 V,
DAC_1P2_SER = 1.2 V, DAC_3P3_SYNC = 3.3 V, AMP_5V_IN = 5.0 V, AMP_3P3_OUT = 3.3 V, AMP_3P3 = 3.3 V, AMP_N5 = −5.0 V.
IOUTFS = 20 mA, digital scale = 0 dBFS, fDAC = 12.0 GSPS, FIR85 enabled, TA = 25°C, unless otherwise noted. fOUT is output frequency.
Table 7.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)1
Single Tone
fOUT = 51 MHz
−83
dBc
fOUT = 451 MHz
−66
dBc
fOUT = 1051 MHz
−54
dBc
fOUT = 2051 MHz
−46
dBc
fOUT = 4051 MHz
−38
dBc
fOUT = 6051 MHz
−42
dBc
fOUT = 9051 MHz
−35
dBc
Single Tone, IOUTFS = 40 mA
fOUT = 51 MHz
−69
dBc
fOUT = 451 MHz
−55
dBc
fOUT = 1051 MHz
−43
dBc
fOUT = 2051 MHz
−33
dBc
fOUT = 4051 MHz
−25
dBc
fOUT = 6051 MHz
−29
dBc
fOUT = 9051 MHz
−20
dBc
ADJACENT CHANNEL LEAKAGE RATIO (ACLR)
Single-Carrier Long-Term Evolution (LTE)
First adjacent channel, −6 dBFS
fOUT = 849 MHz
−70
dBc
fOUT = 1865 MHz
−70
dBc
fOUT = 2150 MHz
−71
dBc
fOUT = 2680 MHz
−71
dBc
fOUT = 3380 MHz
−69
dBc
fOUT = 3680 MHz
−67
dBc
Single-Carrier IEEE 802.11AC
First adjacent channel
fOUT = 5160 MHz
−60
dBc
fOUT = 5865 MHz
−59
dBc
INTERMODULATION DISTORTION (IMD)
Two-Tone Test
fOUT = 51 MHz
−78
dBc
fOUT = 451 MHz
−65
dBc
fOUT = 1051 MHz
−59
dBc
fOUT = 2051 MHz
−51
dBc
fOUT = 4051 MHz
−37
dBc
fOUT = 6051 MHz
−55
dBc
fOUT = 9051 MHz
−43
dBc
Two-Tone Test, IOUTFS = 40 mA
fOUT = 51 MHz
−75
dBc
fOUT = 451 MHz
−60
dBc
fOUT = 1051 MHz
−55
dBc
fOUT = 2051 MHz
−49
dBc
fOUT = 4051 MHz
−31
dBc
fOUT = 6051 MHz
−38
dBc
fOUT = 9051 MHz
−32
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com