Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9166 Datasheet HTML 59Page - Analog Devices AD9166 Datasheet HTML 60Page - Analog Devices AD9166 Datasheet HTML 61Page - Analog Devices AD9166 Datasheet HTML 62Page - Analog Devices AD9166 Datasheet HTML 63Page - Analog Devices AD9166 Datasheet HTML 64Page - Analog Devices AD9166 Datasheet HTML 65Page - Analog Devices AD9166 Datasheet HTML 66Page - Analog Devices AD9166 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 63 of 138
The clock receiver can compensate for phase imbalance of the
CLK+ and CLK− inputs (CLK_PHASE_TUNE register at
Address 0x07F). The register value is a signed binary, with the
MSB acting as the sign bit. Each additional step increase adds
20 fF of capacitance to either the CLK+ or the CLK− input. See
Table 41 for more details. Compensating for phase imbalance
improves the image rejection of the DAC.
Table 41. CLK± Phase Adjust Values
Register 0x07F,
Bits[5:0]
Capacitance at
CLK+ (fF)
Capacitance at
CLK− (fF
000000
0
0
000001
1 × 20
0
000010
2 × 20
0
…
…
…
011111
31 × 20
0
100000
0
0
100001
0
1 × 20
100010
0
2 × 20
…
…
…
111111
0
31 × 20
The improvement in performance depends on the phase
balance of the external components as well as on the internal
clock path. Process variations may result in varying phase
balance across devices of the same population. Thus, if higher
levels of image rejection are desired, it may be beneficial to
calibrate each device independently, installed in the target
system. Performing this calibration has shown significant
improvements in some cases, in particular when less expensive
baluns are used.
Figure 91 shows how adjusting the clock phase, duty cycle, and
cross control can help compensate for phase and amplitude
imbalance at the CLK± pins.
PHASE 0,
CROSS 6
–20
–30
–40
–50
–60
–70
–80
–90
0
1000
2000
3000
4000
5000
6000
PHASE 28,
CROSS 10
fOUT (MHz)
Figure 91. Performance Improvement from Tuning the Clock Input
Delay Locked Loop (DLL)
The CLK± input goes to a high frequency DLL to ensure
reliable locking of the internal DAC sample clock to the input
clock. The DLL is configured and enabled as part of the
recommended start-up sequence. The DLL control registers are
located at Register 0x090 through Register 0x09B. The DLL
settings are determined during product characterization and are
given in the recommended start-up sequence (see the Start-Up
Sequence section). It is not normally necessary to change these
values, and the product characterization data is valid only with the
recommended settings.
SHUFFLE MODE
The spurious performance of the AD9166 can be improved with
a feature called shuffle mode. Shuffle mode uses proprietary
technology to spread the energy of spurious signals across the
DAC output as random noise. Shuffle mode is enabled by
programming Register 0x151, Bit 2 = 0b1. Because shuffle mode
is implemented using the MSB current sources of the DAC, it is
most effective when the DAC is operated with a small amount
of digital backoff relative to 0 dBFS.
The amount of noise rise at the output of the DAC core caused
by shuffle mode is directly related to the power in the affected
spurious signals. Because the AD9166 has a wideband buffer
amplifier at the output of the DAC core, the increase in noise
spectral density is not apparent with or without shuffle.
Shuffle mode improves the spurious performance related to
clock and foldback spurs, but does not affect real harmonics
generated at the DAC output.
VOLTAGE REFERENCE AND FULL-SCALE CURRENT
(FSC)
The full-scale current at the DAC output, IOUTFS, controls the
maximum output current swing out of the DAC and into the
input of the buffer amplifier. When adjusting IOUTFS, the input
common-mode current of the buffer amplifier, ICM, must be
adjusted to match the IOUTFS value of the DAC.
ICM is set using the digital control bits (AMP_ICM, Amplifier
Register 0x18), and it must be set to the nearest corresponding
value that matches IOUTFS. For more details, see the Adjusting ICM
to Match IOUTFS section.
IOUTFS is set through a combination of digital control bits and the
reference current, ISET, as shown in Figure 92.
CURRENT
SCALING
ANA_FULL_SCALE_CURRENT [9:0]
AD9166
DAC
IOUTFS
9.6kΩ
1µF
VREF
ISET
VSS
ISET
VBG
1.2V
+
–
DAC_N1P2_AN
Figure 92. Voltage Reference Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com