Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 96 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9166 Datasheet HTML 92Page - Analog Devices AD9166 Datasheet HTML 93Page - Analog Devices AD9166 Datasheet HTML 94Page - Analog Devices AD9166 Datasheet HTML 95Page - Analog Devices AD9166 Datasheet HTML 96Page - Analog Devices AD9166 Datasheet HTML 97Page - Analog Devices AD9166 Datasheet HTML 98Page - Analog Devices AD9166 Datasheet HTML 99Page - Analog Devices AD9166 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 96 of 138
Hex.
Addr.
Register Name
Bit
No.
Bit Name
Settings
Description
Reset
Access
0x2BF
TERM_OFFSET_4
[7:4] Reserved
Reserved.
0x0
R
[3:0] TERM_OFFSET_4
Add or subtract from the
termination calibration value
of Physical Lane 4. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2C0
TERM_OFFSET_5
[7:4] Reserved
Reserved.
0x0
R
[3:0] TERM_OFFSET_5
Add or subtract from the
termination calibration value
of Physical Lane 5. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2C1
TERM_OFFSET_6
[7:4] Reserved
Reserved.
0x0
R
[3:0] TERM_OFFSET_6
Add or subtract from the
termination calibration value
of Physical Lane 6. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2C2
TERM_OFFSET_7
[7:4] Reserved
Reserved.
0x0
R
[3:0] TERM_OFFSET_7
Add or subtract from the
termination calibration value
of Physical Lane 7. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x300
GENERAL_JRX_CTRL_0
7
Reserved
Reserved.
0x0
R
6
CHECKSUM_MODE
JESD204B link parameter
checksum calculation method.
0x0
R/W
0 Checksum is sum of fields.
1 Checksum is sum of octets.
[5:1] Reserved
Reserved.
0x0
R
0
LINK_EN
This bit brings up the
JESD204B receiver when all
link parameters are
programmed and all clocks
are ready.
0x0
R/W
0x302
DYN_LINK_LATENCY_0
[7:5] Reserved
Reserved.
0x0
R
[4:0] DYN_LINK_LATENCY_0
Measurement of the JESD204B
link delay (in PCLK units).
Link 0 dynamic link latency.
Latency between current
deframer LMFC and the global
LMFC.
0x0
R
0x304
LMFC_DELAY_0
[7:5] Reserved
Reserved.
0x0
R
[4:0] LMFC_DELAY_0
Fixed part of the JESD204B
link delay (in PCLK units).
Delay in frame clock cycles for
global LMFC for Link 0.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com