Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9166 Datasheet HTML 24Page - Analog Devices AD9166 Datasheet HTML 25Page - Analog Devices AD9166 Datasheet HTML 26Page - Analog Devices AD9166 Datasheet HTML 27Page - Analog Devices AD9166 Datasheet HTML 28Page - Analog Devices AD9166 Datasheet HTML 29Page - Analog Devices AD9166 Datasheet HTML 30Page - Analog Devices AD9166 Datasheet HTML 31Page - Analog Devices AD9166 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 28 of 138
SERIAL PORT OPTIONS
The serial port can support both MSB first and LSB first data
formats. This functionality is controlled by the LSB first bit
(Register 0x000, Bit 6 and Bit 1). The default is MSB first (LSB
bit = 0).
When the LSB first bits = 0 (MSB first), the instruction and data
bits must be written from MSB to LSB. Read/write (R/W) is
followed by the instruction word, A[14:0], and D[7:0], the data-
word. When the LSB first bits = 1 (LSB first), the opposite is
true. A[0:14] is followed by R/W, which is subsequently
followed by D[0:7].
The serial port supports a 3-wire or 4-wire interface. When the
SDO active bits = 1 (Register 0x000, Bit 4 and Bit 3), a 4-wire
interface with a separate input pin (SDIO) and output pin (SDO) is
used. When the SDO active bits = 0, the SDO pin is unused and
the SDIO pin is used for both the input and the output.
Multibyte Data Transfers
Multibyte data transfers can be performed by holding CS_AMP
or CS_DAC low for multiple data transfer cycles (eight SCLK
cycles) after the first data transfer word following the instruction
cycle. The first eight SCLK cycles following the instruction cycle
read from or write to the register provided in the instruction
cycle. For each additional eight SCLK cycles, the address is
either incremented or decremented and the read/write occurs
on the new register. The direction of the address is set using
ADDRINC or ADDRINC_M (Register 0x000, Bit 5 and Bit 2).
When ADDRINC or ADDRINC_M is 1, the multicycle
addresses are incremented. When ADDRINC or ADDRINC_M
is 0, the addresses are decremented. A new write cycle can
always be initiated by bringing CS_x high and then low again.
To prevent confusion and to ensure consistency between
devices, the chip tests the first nibble following the address
phase, ignoring the second nibble. This test is completed
independently from the LSB first bits and ensures that there are
extra clock cycles following the soft reset bits (Register 0x000,
Bit 0 and Bit 7). This test of the first nibble only applies when
writing to Register 0x000.
R/W A14 A13
A3
A2 A1 A0 D7N D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
CS_x
Figure 44. Serial Register Interface Timing, MSB First, Register 0x000, Bit 5
and Bit 2 = 0
A0 A1 A2
A12 A13 A14
D00 D10 D20
D7N
D6N
D5N
D4N
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
R/W
CS_x
Figure 45. Serial Register Interface Timing, LSB First, Register 0x000, Bit 5 and
Bit 2 = 1
SCLK
SDIO
CS_x
DATA BITn– 1
DATA BIT n
tDV
Figure 46. Timing Diagram for Serial Port Register Read
SCLK
SDIO
CS_x
INSTRUCTION BIT 14
INSTRUCTION BIT 0
INSTRUCTION BIT 15
tS
tDS
tDH
tPWH
tPWL
tH
Figure 47. Timing Diagram for Serial Port Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com