Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9166 Datasheet HTML 21Page - Analog Devices AD9166 Datasheet HTML 22Page - Analog Devices AD9166 Datasheet HTML 23Page - Analog Devices AD9166 Datasheet HTML 24Page - Analog Devices AD9166 Datasheet HTML 25Page - Analog Devices AD9166 Datasheet HTML 26Page - Analog Devices AD9166 Datasheet HTML 27Page - Analog Devices AD9166 Datasheet HTML 28Page - Analog Devices AD9166 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 25 of 138
TERMINOLOGY
Offset Error
Offset error is the deviation of the DAC output current from the
ideal of 0 mA.
Gain Error
Gain error is the difference between the actual and ideal output
span. The actual span is determined by the difference between
the output when the input is at its minimum code and the
output when the input is at its maximum code.
Temperature Drift
Temperature drift is specified as the maximum change from the
ambient (25°C) value to the value at either TMIN or TMAX. For offset
and gain drift, the drift is reported in ppm of full-scale range
(FSR) per degree Celsius. For reference drift, the drift is reported
in ppm per degree Celsius.
Settling Time
Settling time is the time required for the output to reach and
remain within a specified error band around its final value,
measured from the start of the output transition.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels relative to carrier (dBc),
between the peak amplitude of the output signal and the peak
spurious signal within the dc to Nyquist frequency of the DAC.
Typically, energy in this band is rejected by the interpolation
filters. This specification, therefore, defines how well the
interpolation filters work and the effect of other parasitic
coupling paths on the DAC output.
x-Order Intermodulation Distortion (IMDx)
IMDx (where x is 2, 3, 5, or 7 for second-order, third-order,
fifth-order, or seventh-order intermodulation distortion) is the
difference, in decibels relative to carrier (dBc), between the peak
amplitude of the output signal and the peak intermodulation
product of a specific x-order within the dc to Nyquist frequency
of the DAC. The signal is composed of two continuous wave
tones. If multiple IMDx products are present, the IMDx that is
located nearest to the signal and containing the highest power is
chosen to calculate the difference. This specification defines the
linearity of the analog output stage.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the Nyquist
frequency, excluding the first six harmonics and dc. The value
for SNR is expressed in decibels.
Error Vector Magnitude (EVM)
EVM defines the average deviation of a modulation symbol
from its ideal location within a decision boundary. Typically,
EVM is quoted as the rms average of all error vector
magnitudes between the received symbols and their ideal
locations, for a given modulation order. For example, EVM for a
quadrature phase shift keying (QPSK) signal is the average of
the EVM across four decision boundaries. EVM is measured
using a baseband signal that is a pseudorandom binary
sequence (PRBS) of a statistically significant length.
Interpolation Filter
If the digital inputs to the DAC are sampled at a multiple rate of
the interpolation rate (fDATA), a digital filter can be constructed that
has a sharp transition band near fDATA/2. Images that typically
appear around the output data rate (fDAC) can be greatly suppressed.
Adjacent Channel Leakage Ratio (ACLR)
ACLR is the ratio in decibels relative to the carrier (dBc)
between the measured power within a channel relative to its
adjacent channel.
Adjusted DAC Update Rate
The adjusted DAC update rate is the DAC update rate divided
by the smallest interpolating factor. For clarity on DACs with
multiple interpolating factors, the adjusted DAC update rate for
each interpolating factor can be given.
Physical Lane
Physical Lane x refers to SERDINx±, where x represents 0 to 7.
Logical Lane
Logical Lane x (where x represents 0 to 7) refers to physical
lanes after optionally being remapped by the crossbar block
(Register 0x308 to Register 0x30B).
Link Lane
Link Lane x refers to logical lanes considered in the link, where
x represents 0 to 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com