Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 68 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9166 Datasheet HTML 64Page - Analog Devices AD9166 Datasheet HTML 65Page - Analog Devices AD9166 Datasheet HTML 66Page - Analog Devices AD9166 Datasheet HTML 67Page - Analog Devices AD9166 Datasheet HTML 68Page - Analog Devices AD9166 Datasheet HTML 69Page - Analog Devices AD9166 Datasheet HTML 70Page - Analog Devices AD9166 Datasheet HTML 71Page - Analog Devices AD9166 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 68 of 138
Table 43. Configure JESD204B Start-Up Sequence
Register
Value
Description
R/W
0x300
0x00
Ensure the SERDES links are disabled before configuring them.
W
0x480
0x38
Enable SERDES error counters.
W
0x481
0x38
Enable SERDES error counters.
W
0x482
0x38
Enable SERDES error counters.
W
0x483
0x38
Enable SERDES error counters.
W
0x484
0x38
Enable SERDES error counters.
W
0x485
0x38
Enable SERDES error counters.
W
0x486
0x38
Enable SERDES error counters.
W
0x487
0x38
Enable SERDES error counters.
W
0x110
Configure number of lanes (Bits[7:4]) and interpolation rate (Bits[3:0]).
W
0x111
Configure the datapath options for Bit 7 (INVSINC_EN), Bit 6 (NCO_EN), Bit 4 (FILT_BW), Bit 2
(MODULUS_EN), Bit 1 (SEL_SIDEBAND), and Bit 0 (FIR85_FILT_EN). See the Register Summary section for
details on the options. Set the reserved bits (Bit 5 and Bit 3) to 0b0.
W
0x230
Configure the CDR block according to Table 19 for both half rate enable and the divider.
W
0x289, Bits[1:0]
Set up the SERDES PLL divider based on the conditions shown in Table 18.
W
0x084, Bits[5:4]
Set up the PLL reference clock rate based on the conditions shown in Table 18.
W
0x200
0x00
Enable the JESD204B block (disable master SERDES power-down).
W
0x475
0x09
Soft reset the JESD204B quad-byte deframer.
W
0x453, Bit 7
0b1
Optional. Enable scrambling on SERDES lanes.
W
0x458, Bits[7:5]
Set the subclass type: 0b000 = Subclass 0, 0b001 = Subclass 1.
W
0x459, Bits[7:5]
0b1
Set the JESD204x version to JESD204B.
W
0x45D
Program the calculated checksum value for Lane 0 from values in Register 0x450 to Register 0x45C.
W
0x475
0x01
Bring the JESD204B quad-byte deframer out of reset.
W
0x201, Bits[7:0]
Set any bits to 1 to power down the appropriate physical lane.
W
0x2A7
0x01
Optional. Calibrate SERDES PHY Termination Block 1 (PHY 0, PHY 1, PHY 6, PHY 7).
W
0x2AE
0x01
Optional. Calibrate SERDES PHY Termination Block 2 (PHY 2, PHY 3, PHY 4, PHY 5).
W
0x29E
0x1F
Override defaults in the SERDES PLL settings (private).
W
0x280
0x03
Enable the SERDES PLL.
W
0x281, Bit 0
0b1
Read back Register 0x281 until Bit 0 = 1 to indicate the SERDES PLL is locked.
R
Prior to enabling the link, be sure that the JESD204B transmitter is enabled and ready to begin link
synchronization.
0x206
0x00
Reset the CDR to realign the sampling clock with the incoming data.
W
0x206
0x01
Bring the CDR out of reset.
W
0x300
0x01
Enable the JESD204B receiver to begin link synchronization. When SYNCOUT± is asserted, the JESD204B
transmitter begins CGS by sending /K/ characters.
W
0x470
0xFF
Read the CGS status for all lanes.
R
0x471
0xFF
Read the frame sync status for all lanes.
R
0x472
0xFF
Read the good checksum status for all lanes.
R
0x473
0xFF
Read the initial lane sync status for all lanes.
R
0x024
0x1F
Clear the datapath interrupts.
W
0x4BA
0xFF
Clear the SERDES interrupts.
W
0x4BB
0x01
Clear the SERDES interrupt.
W
0x020
0x0F
Optional. Enable the interrupts.
W
0x4B8
0xFF
Optional. Enable JESD204B interrupts.
W
0x4B9
0x01
Optional. Enable JESD204B interrupts.
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com